Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N1613 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N1613
Description  NPN LOW POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N1613 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N1613 Datasheet HTML 1Page - Microsemi Corporation 2N1613 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN LOW POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/181
Devices
Qualified Level
2N718A
2N1613
2N1613L
JAN
JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
30
Vdc
Collector-Base Voltage
VCBO
75
Vdc
Emitter-Base Voltage
VEBO
7.0
Vdc
Collector Current
IC
500
mAdc
Total Power Dissipation
@ TA = +25
0C (1)
2N718A
2N1613, L
@ TC = +25
0C (2)
2N718A
2N1613, L
PT
0.5
0.8
1.8
3.0
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-55 to +175
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
2N718A
2N1613, L
RθJC
97
58
0C/W
1) Derate linearly 4.57 mW/
0C for 2N1613, L and 2.85 mW/0C for 2N718A for TA > +250C
2) Derate linearly 17.2 mW/
0C for 2N1613, L and 10.3 mW/0C for 2N718A for TC > +250C
TO-18 (TO-206AA)*
2N718A
TO-39 (TO-205AD)*
2N1613
TO-5*
2N1613L
*See appendix A for package
outline
ELECTRICAL CHARACTERISTICS (TC = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 30 mAdc
V(BR)CEO
30
Vdc
Collector-Emitter Breakdown Voltage
IC = 10 mAdc, RBE = 10 Ω
V(BR)CER
50
Vdc
Collector-Base Cutoff Current
VCB= 60 Vdc
ICBO
10
ηAdc
Emitter-Base Cutoff Current
VEB = 5.0 Vdc
IEBO
10
ηAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N1613

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N1613 PHILIPS-2N1613 Datasheet
51Kb / 8P
NPN medium power transistor
1997 Apr 11
logo
STMicroelectronics
2N1613 STMICROELECTRONICS-2N1613 Datasheet
61Kb / 5P
SWITCHES AND UNIVERSAL AMPLIFIERS
Jan-1989
logo
Fairchild Semiconductor
2N1613 FAIRCHILD-2N1613 Datasheet
378Kb / 10P
NPN Small Signal General Purpose Amplifiers
logo
Micro Electronics
2N1613 MICRO-ELECTRONICS-2N1613 Datasheet
92Kb / 2P
NPN LISICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - 2N1613

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N930 MICROSEMI-2N930 Datasheet
67Kb / 2P
NPN LOW POWER SILICON TRANSISTOR
2N2432 MICROSEMI-2N2432 Datasheet
56Kb / 2P
NPN SILICON LOW POWER TRANSISTOR
2N2484 MICROSEMI-2N2484_1 Datasheet
56Kb / 2P
NPN SILICON LOW POWER TRANSISTOR
logo
Advanced Semiconductor
MRF8372 ASI-MRF8372 Datasheet
27Kb / 1P
NPN SILICON LOW POWER TRANSISTOR
REV. A
logo
Microsemi Corporation
2N3439 MICROSEMI-2N3439_1 Datasheet
106Kb / 2P
NPN LOW POWER SILICON TRANSISTOR
2N2484UA MICROSEMI-2N2484UA Datasheet
51Kb / 2P
NPN SILICON LOW POWER TRANSISTOR
JANS2N3440 MICROSEMI-JANS2N3440 Datasheet
312Kb / 6P
NPN LOW POWER SILICON TRANSISTOR
JANTX2N918 MICROSEMI-JANTX2N918 Datasheet
186Kb / 4P
NPN LOW POWER SILICON TRANSISTOR
JAN2N3440 MICROSEMI-JAN2N3440 Datasheet
312Kb / 6P
NPN LOW POWER SILICON TRANSISTOR
JAN2N2484 MICROSEMI-JAN2N2484 Datasheet
51Kb / 2P
NPN SILICON LOW POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com