Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMAD Datasheet(PDF) 4 Page - Protek Devices

Part # PMAD
Description  STEERING DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PMAD Datasheet(HTML) 4 Page - Protek Devices

  PMAD Datasheet HTML 1Page - Protek Devices PMAD Datasheet HTML 2Page - Protek Devices PMAD Datasheet HTML 3Page - Protek Devices PMAD Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PMAD SERIES
4
05093.R8 2/07
www.protekdevices.com
14 PIN DIP PACKAGE OUTLINE & DIMENSIONS
COPYRIGHT © ProTek Devices 2007
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is
the buyer ’s and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such
products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
PACKAGE OUTLINE
A
B
C
D
E
F
G
H
I
J
K
L
19.1
6.60
7.87
0.50
10°
-
5.08
-
1.78
0.84 TYP
0.53
2.54 TYP
-
0.240
0.290
0.010
0°
0.020
-
0.125
-
0.033 TYP
0.015
0.100 TYP
0.750
0.260
0.310
0.020
10°
-
0.200
-
0.070
0.033 TYP
0.021
0.100 TYP
-
6.10
7.37
0.25
0°
0.51
-
3.17
-
0.84 TYP
0.38
2.54 TYP
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
DIMENSIONS
14 PIN DIP
NOTES
1. Dimensions are exclusive of mold flash and metal burrs.
BULK ORDERING NOMENCLATURE
1. No Suffix = Product Shipped in Tubes of 25 pcs per Tube.
2. Suffix -LF = Lead-Free, Pure-Tin Plating,
i.e.,
PMAD1109-LF.
A
Orientation Dot
(Pin #1)
B
C
D
16 Places
E
G
H
F
L
J
12 Places
K
16 Places
I
12 Places
Outline & Dimensions: Rev 1 - 11/01, 06002



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com