Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMAD Datasheet (PDF) - Protek Devices

PMAD Datasheet PDF - Protek Devices
Part # PMAD
Download  PMAD Download
File Size   77.64 Kbytes
Page   4 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description STEERING DIODE ARRAY

PMAD Datasheet (PDF)

Go To PDF Page Download Datasheet
PMAD Datasheet PDF - Protek Devices

Part # PMAD
Download  PMAD Click to download

File Size   77.64 Kbytes
Page   4 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description STEERING DIODE ARRAY

PMAD Datasheet (HTML) - Protek Devices


PMAD Product details

DESCRIPTION
The PMAD Series are a low distortion steering diodes. These devices are intended for use in high frequency analog or digital data I/O ports for protection against Electrostatic Discharge (ESD) and Electrical Fast Transients (EFT). The PMAD Series is connected between rail-to-rail voltage bus or rail-to-ground for clamping and diverting overvoltage transients for the protection of sensitive network interface circuits.

FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line Gnd) & Level 3(Line-Line)
• 500 Milliwatt Continuous Power Dissipation
• Monolithic Design
• ESD Protection > 25 kilovolts
• Protects up to 7 to 8 I/O Lines
• Working Voltage > 50 Volts
• Low Leakage Current < 0.1µA
• Ultra Low Capacitance: 5pF per Diode
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• High Frequency Data Lines
• RS-232 & RS-422 Interface Networks
• Ethernet 10/100 Base T
• Computer I/O Ports




Similar Part No. - PMAD

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PMAD1103 PROTEC-PMAD1103 Datasheet
867Kb / 6P
ultra low capa citance multi-line steering diode array
PMAD1103 PROTEC-PMAD1103 Datasheet
870Kb / 6P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
PMAD1105 PROTEC-PMAD1105 Datasheet
867Kb / 6P
ultra low capa citance multi-line steering diode array
PMAD1105 PROTEC-PMAD1105 Datasheet
870Kb / 6P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
PMAD1106 PROTEC-PMAD1106 Datasheet
867Kb / 6P
ultra low capa citance multi-line steering diode array
More results


Similar Description - PMAD

ManufacturerPart #DatasheetDescription
logo
Protek Devices
ET724 PROTEC-ET724 Datasheet
167Kb / 4P
STEERING DIODE ARRAY
ET723 PROTEC-ET723 Datasheet
206Kb / 4P
STEERING DIODE ARRAY
DALC112S1 PROTEC-DALC112S1 Datasheet
80Kb / 4P
STEERING DIODE ARRAY
IO6LC PROTEC-IO6LC Datasheet
81Kb / 4P
STEERING DIODE ARRAY
USB002 PROTEC-USB002 Datasheet
59Kb / 3P
STEERING DIODE ARRAY
ET720 PROTEC-ET720_07 Datasheet
74Kb / 4P
STEERING DIODE ARRAY
ET723 PROTEC-ET723_07 Datasheet
79Kb / 4P
STEERING DIODE ARRAY
IO6LC PROTEC-IO6LC_07 Datasheet
72Kb / 4P
STEERING DIODE ARRAY
PMAD1108 PROTEC-PMAD1108_07 Datasheet
68Kb / 3P
STEERING DIODE ARRAY
SR70 PROTEC-SR70_06 Datasheet
75Kb / 3P
STEERING DIODE ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com