Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMMAD Datasheet(PDF) 1 Page - Protek Devices

Part # PMMAD
Description  STEERING DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PMMAD Datasheet(HTML) 1 Page - Protek Devices

  PMMAD Datasheet HTML 1Page - Protek Devices PMMAD Datasheet HTML 2Page - Protek Devices PMMAD Datasheet HTML 3Page - Protek Devices PMMAD Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PMMAD SERIES
STEERING DIODE ARRAY
1
05089.R9 2/07
www.protekdevices.com
APPLICATIONS
✔ High Frequency Data Lines
✔ RS-232 & RS-422 Interface Networks
✔ Ethernet - 10/100 Base T
✔ Computer I/O Ports
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
✔ 61000-4-5 (Surge): 24A, 8/20µs Level 2(Line-Ground) & Level 3(Line-Line)
FEATURES
✔ 500 Milliwatt Continuous Power Dissipation
✔ ESD Protection > 40 kilovolts
✔ Low Insertion Loss & Cross-Talk
✔ Provides Protection for 8 I/O Lines
✔ Working Voltage > 50 Volts
✔ Low Leakage Current < 0.1µA
✔ Ultra Low Capacitance: 5pF Per Diode
✔ RoHS Compliant
MECHANICAL CHARACTERISTICS
✔ Molded JEDEC SO-14 Package
✔ Weight 0.15 grams (Approximate)
✔ Available in Lead-Free Pure-Tin Plating(Annealed)
✔ Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
✔ Consult Factory for Leaded Device Availability
✔ Flammability Rating UL 94V-0
✔ 16mm Tape and Reel Per EIA Standard 481
✔ Marking: Logo, Part Number, Date Code & Pin One Defined By Dot on Top of Package
PIN CONFIGURATION
SO-14
+
GND OR (-)
I/O PORT


Similar Part No. - PMMAD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMMAD ETC-PMMAD Datasheet
119Kb / 3P
STEERING DIODE (RAIL CLAMP) ARRAY
PMMAD1103 ETC-PMMAD1103 Datasheet
119Kb / 3P
STEERING DIODE (RAIL CLAMP) ARRAY
logo
Protek Devices
PMMAD1103 PROTEC-PMMAD1103 Datasheet
828Kb / 7P
ultra low capacitance multi-line steering diode array
PMMAD1103 PROTEC-PMMAD1103 Datasheet
749Kb / 7P
ultra low capa citance multi-line steering diode arra y
logo
List of Unclassifed Man...
PMMAD1105 ETC-PMMAD1105 Datasheet
119Kb / 3P
STEERING DIODE (RAIL CLAMP) ARRAY
More results

Similar Description - PMMAD

ManufacturerPart #DatasheetDescription
logo
Protek Devices
ET724 PROTEC-ET724 Datasheet
167Kb / 4P
STEERING DIODE ARRAY
ET723 PROTEC-ET723 Datasheet
206Kb / 4P
STEERING DIODE ARRAY
DALC112S1 PROTEC-DALC112S1 Datasheet
80Kb / 4P
STEERING DIODE ARRAY
IO6LC PROTEC-IO6LC Datasheet
81Kb / 4P
STEERING DIODE ARRAY
USB002 PROTEC-USB002 Datasheet
59Kb / 3P
STEERING DIODE ARRAY
ET720 PROTEC-ET720_07 Datasheet
74Kb / 4P
STEERING DIODE ARRAY
ET723 PROTEC-ET723_07 Datasheet
79Kb / 4P
STEERING DIODE ARRAY
IO6LC PROTEC-IO6LC_07 Datasheet
72Kb / 4P
STEERING DIODE ARRAY
PMAD1108 PROTEC-PMAD1108_07 Datasheet
68Kb / 3P
STEERING DIODE ARRAY
SR70 PROTEC-SR70_06 Datasheet
75Kb / 3P
STEERING DIODE ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com