Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRSB6.8C Datasheet(PDF) 4 Page - Protek Devices

Part # PRSB6.8C
Description  STANDARD TVS COMPONENTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PRSB6.8C Datasheet(HTML) 4 Page - Protek Devices

  PRSB6.8C Datasheet HTML 1Page - Protek Devices PRSB6.8C Datasheet HTML 2Page - Protek Devices PRSB6.8C Datasheet HTML 3Page - Protek Devices PRSB6.8C Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
05224.R5 2/07
www.protekdevices.com
PRSB6.8C
DFN-2 PACKAGE OUTLINE & DIMENSIONS
COPYRIGHT © ProTek Devices 2007
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is
the buyer ’s and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such
products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
Outline & Dimensions: Rev 1 - 9/05, 0659
TAPE & REEL ORDERING NOMENCLATURE
1. Surface mount product is taped and reeled in accordance with EIA-481.
2. Suffix-T75 = 7 Inch Reel - 5,000 pieces per 8mm tape, i.e.,
PRSB6.8C-T75.
3. Suffix - LF = Lead-Free, Pure-Tin Plating, i.e.,
PRSB6.8C-LF-T75.
NOTES
1. Controlling dimensions in inches.
2. Decimal tolerances for mounting pad : ± 0.003”
(±0.08mm).
3. Maximum size: 0.052” (1.321mm) by 0.036” (0.914mm).
PACKAGE OUTLINE
MOUNTING PAD
DIM
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
A
B
C
D
E
F
H
0.023
0.038
0.018
0.010
0.012
0.010
0.011
DIM
MILLIMETERS
INCHES
PAD DIMENSIONS
A
B
C
E
F
0.762 ± 0.025
0.356 ± 0.025
0.381 ± 0.025
1.473 ± 0.050
0.559 ± 0.025
0.030 ± 0.001
0.014 ± 0.001
0.015 ± 0.001
0.058 ± 0.002
0.022 ± 0.001
TAPE & REEL ORIENTATION
NOTE
1. Top view of tape. Solder PADS face down in tape
package.
MIN
NOR
MAX
0.024
0.040
0.020
0.012
0.014
0.012
0.012
0.025
0.042
0.022
0.014
0.016
0.014
0.013
0.58
0.97
0.46
0.25
0.30
0.25
0.28
0.61
1.02
0.51
0.30
0.36
0.30
0.30
0.64
1.07
0.56
0.36
0.41
0.36
0.33
MIN
NOR
MAX
A
B
H
D
F
C
TOP
BOTTOM
SIDE
E
1
2
A
B
C
E
F
Solder Print Diameter
0.010” - 0.012”
Tape & Reel Specifications (Dimensions in millimeters)
D
E
P0
tmax
FP2
W
1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ±0.30 4.00 ±0.10 2.00 ±0.05
P
2.00 ±0.10
0.25
A0
B0
K0
Reel Dia.
Tape Width
178mm (7”)/330mm(13”)
8mm
0.80± 0.10
1.20± 0.10 0.70 ± 0.10
Top cover tape
K0
t
D
P0
P2
10 Pitches Cumulative
Tolerance on Tape. ± 0.2
A0
B0
P
E
F
W
User Direction of Feed



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com