Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRSB6.8C Datasheet(PDF) 1 Page - Protek Devices

Part # PRSB6.8C
Description  STANDARD TVS COMPONENTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PRSB6.8C Datasheet(HTML) 1 Page - Protek Devices

  PRSB6.8C Datasheet HTML 1Page - Protek Devices PRSB6.8C Datasheet HTML 2Page - Protek Devices PRSB6.8C Datasheet HTML 3Page - Protek Devices PRSB6.8C Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRSB6.8C
STANDARD TVS COMPONENTS
1
05224.R5 2/07
www.protekdevices.com
APPLICATIONS
✔ Noise Suppression for Data Lines
✔ Laptop Computers
✔ Cellular Phones
✔ Digital Cameras
✔ Personal Digital Assistant (PDA)
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
FEATURES
✔ 10 Watts Peak Pulse Power per Line (tp=10/1000µs)
✔ ESD Protection > 40 kilovolts
✔ Bidirectional Configuration
✔ Protects One Data Line
✔ Low Clamping Voltage
✔ Easy Placement for Manufacturing
✔ Low Capacitance
✔ RoHS Compliant
MECHANICAL CHARACTERISTICS
✔ DFN-2 Package
✔ Weight 0.8 milligrams (Approximate)
✔ Available in Lead-Free Pure-Tin Plating
✔ Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
✔ Consult Factory for Leaded Device Availability
✔ Flammability Rating UL 94V-0
✔ 8mm Tape and Reel Per EIA Standard 481
✔ Device Part Number on Reel & Marking Code on Device
DFN-2
PIN CONFIGURATION


Similar Part No. - PRSB6.8C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PRSB6.8C PROTEC-PRSB6.8C Datasheet
93Kb / 5P
STANDARD TVS COMPONENTS
PRSB6.8C PROTEC-PRSB6.8C Datasheet
629Kb / 6P
LOW CAPACITANCE MINIATURE TVS ARRAY
logo
TECH PUBLIC Electronics...
PRSB6.8C TECHPUBLIC-PRSB6.8C Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
logo
Protek Devices
PRSB6.8CF PROTEC-PRSB6.8CF Datasheet
74Kb / 4P
STANDARD TVS COMPONENTS
PRSB6.8CF-LF-T75 PROTEC-PRSB6.8CF-LF-T75 Datasheet
74Kb / 4P
STANDARD TVS COMPONENTS
More results

Similar Description - PRSB6.8C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
MSMF05 PROTEC-MSMF05 Datasheet
100Kb / 4P
STANDARD TVS ARRAY
MSMF05C PROTEC-MSMF05C Datasheet
101Kb / 4P
STANDARD TVS ARRAY
PRSB68C PROTEC-PRSB68C Datasheet
93Kb / 5P
STANDARD TVS COMPONENTS
PRSB6.8CF PROTEC-PRSB6.8CF Datasheet
74Kb / 4P
STANDARD TVS COMPONENTS
P0201D05C PROTEC-P0201D05C Datasheet
107Kb / 3P
STANDARD TVS COMPONENTS
logo
List of Unclassifed Man...
PS25003 ETC2-PS25003 Datasheet
6Mb / 23P
Demonstration Kit Standard Components
logo
Protek Devices
SM10KW PROTEC-SM10KW_15 Datasheet
430Kb / 6P
60 KILOWATT TVS COMPONENTS
SM10KW10A PROTEC-SM10KW10A Datasheet
439Kb / 6P
60 KILOWATT TVS COMPONENTS
logo
SUNMATE electronic Co.,...
PEDSD03C SUNMATE-PEDSD03C Datasheet
241Kb / 3P
STANDARD CAPACITANCE TVS
logo
Protek Devices
SM30KWEXXA PROTEC-SM30KWEXXA Datasheet
526Kb / 7P
30 kilowa tt TVS ComponentS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com