Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DA1774R Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 2DA1774R
Description  PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DA1774R Datasheet(HTML) 1 Page - Diodes Incorporated

  2DA1774R Datasheet HTML 1Page - Diodes Incorporated 2DA1774R Datasheet HTML 2Page - Diodes Incorporated 2DA1774R Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lead-free
DS30253 Rev. 7 - 2
1 of 3
2DA1774Q/R/S
www.diodes.com
ã Diodes Incorporated
2DA1774Q/R/S
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
·
Ultra Miniature Surface Mount Package
·
Complementary NPN Type Available (2DC4617Q,R,S)
·
Lead Free/RoHS Compliant (Note 3)
Characteristic
Symbol
2DA1774Q/R/S
Unit
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-6.0
V
Collector Current - Continuous (Note 1)
IC
150
mA
Power Dissipation (Note 1)
Pd
150
mW
Maximum Ratings
@ TA = 25
°C unless otherwise specified
A
M
J
L
D
B C
H
K
G
C
E
B
Mechanical Data
·
Case: SOT-523
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020C
·
Terminal Connections: See Diagram
·
Lead Free Plating (Matte Tin annealed over Alloy 42
leadframe).
·
Marking & Type Code Information (See Last Page):
2DA1774Q: 8A
2DA1774R: 8B
2DA1774S: 8C
·
Ordering Information: See Last Page
·
Weight: 0.002 grams (approx.)
Notes:
1. Part mounted on FR-4 board with recommended pad layout, which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
2.
Short duration pulse test used to minimize self-heating effect.
3. No purposefully added lead.
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 2)
Collector-Base Breakdown Voltage
V(BR)CBO
-60
¾
V
IC = -50
mA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-50
¾
V
IC = 1.0
mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-6.0
¾
V
IE = -50
mA, IC = 0
Collector Cutoff Current
ICBO
¾
-100
nA
VCB = -60V
Emitter Cutoff Current
IEBO
¾
-100
nA
VEB = -6.0V
ON CHARACTERISTICS (Note 2)
DC Current Gain
2DA1774Q
2DA1774R
2DA1774S
hFE
120
180
270
270
390
560
¾
VCE = -6.0V, IC = -1.0mA
Collector-Emitter Saturation Voltage
VCE(SAT)
¾
-0.5
V
IC = -50mA, IB = -5.0mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
4.0 Typ.
5.0
pF
VCB = -12V, f = 1.0MHz, IE = 0
Current Gain-Bandwidth Product
fT
140 Typ.
¾
MHz
VCE = -12V, IC = -2.0mA,
f = 30MHz
SOT-523
Dim
Min
Max
Typ
A
0.15
0.30
0.22
B
0.75
0.85
0.80
C
1.45
1.75
1.60
D
¾¾
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
J
0.00
0.10
0.05
K
0.60
0.80
0.75
L
0.10
0.30
0.22
M
0.10
0.20
0.12
N
0.45
0.65
0.50
a
0
°
8
°¾
All Dimensions in mm
Features
Characteristic
Symbol
2DA1774Q/R/S
Unit
Thermal Resistance, Junction to Ambient (Note 1)
RqJA
833
°C/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
Thermal Characteristics
@ TA = 25
°C unless otherwise specified
SPICE MODEL: 2DA1774R


Similar Part No. - 2DA1774R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DA1774R DIODES-2DA1774R Datasheet
45Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30253 Rev. 4 - 2
2DA1774R-7-F DIODES-2DA1774R-7-F Datasheet
78Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2 November 2010
2DA1774R-7-F DIODES-2DA1774R-7-F Datasheet
78Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 9
More results

Similar Description - 2DA1774R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMST2907A DIODES-MMST2907A Datasheet
54Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30081 Rev. 3 - 2
MMSTA92 DIODES-MMSTA92 Datasheet
46Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 3 - 2
BC856A_ DIODES-BC856A_ Datasheet
269Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
MMST4126 DIODES-MMST4126_1 Datasheet
82Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30161 Rev. 6 - 2
MMST5401 DIODES-MMST5401_1 Datasheet
209Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30170 Rev. 8 - 2
MMSTA92 DIODES-MMSTA92_1 Datasheet
77Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 8 - 2
MMBT2907AT DIODES-MMBT2907AT_1 Datasheet
353Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30269 Rev. 7 - 2
BC857AT DIODES-BC857AT_1 Datasheet
353Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30275 Rev. 8 - 2
DP350T05 DIODES-DP350T05 Datasheet
82Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30624 Rev. 6 - 2
BC856A DIODES-BC856A_2 Datasheet
119Kb / 4P
PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 19 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com