Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DA1774R Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 2DA1774R
Description  PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DA1774R Datasheet(HTML) 3 Page - Diodes Incorporated

  2DA1774R Datasheet HTML 1Page - Diodes Incorporated 2DA1774R Datasheet HTML 2Page - Diodes Incorporated 2DA1774R Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS30253 Rev. 7 - 2
3 of 3
2DA1774Q/R/S
www.diodes.com
Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Ordering Information
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Date Code Key
XX = Product Type Marking Code (See Page 1, e.g. 8A = 2DA1774Q)
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
XXYM
Device
Packaging
Shipping
2DA1774Q-7-F
SOT-523
3000/Tape & Reel
2DA1774R-7-F
SOT-523
3000/Tape & Reel
2DA1774S-7-F
SOT-523
3000/Tape & Reel
(Note 4)
Marking Information
Year
2002
2003
2004
2005
2006
2007
2008
2009
Code
NP
R
S
T
U
VW
IMPORTANT NOTICE
LIFE SUPPORT
www.diodes.com
Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhance-
ments, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein;
neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such
use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
The products located on our website at
are not recommended for use in life support systems where a failure or malfunction of the
component may directly threaten life or cause injury without the express written approval of Diodes Incorporated.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com