Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS10H100CG Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STPS10H100CG
Description  Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STPS10H100CG Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STPS10H100CG Datasheet HTML 1Page - Inchange Semiconductor Company Limited STPS10H100CG Datasheet HTML 2Page - Inchange Semiconductor Company Limited STPS10H100CG Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Rectifier
STPS10H100CG
www.iscsemi.com
1
FEATURES
·Multi-layer Metal -Silicon Potential Structure
·Low leakage current at high temperature
·Low static and dynamic losses as a result
ofthe Schottky barrier
MECHANICAL CHARACTERISTICS
·Schottky barrier rectifier designed for highfrequency
miniature switched mode power
·Supplies such as adapters and on-board DC/DCconverters
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRMS
VR
Peak Repetitive Reverse Voltage
RMS Voltage
DC Blocking Voltage
100
V
IF(AV)
Average Rectified Forward Current
5
10
A
IFSM
Nonrepetitive Peak Surge Current
10ms single half sine-wave superimposed on rated load conditions
180
A
TJ
Junction Temperature
-65~175
℃
Tstg
Storage Temperature Range
-65~175
℃


Similar Part No. - STPS10H100CG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10H100CG STMICROELECTRONICS-STPS10H100CG Datasheet
105Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10H100CG STMICROELECTRONICS-STPS10H100CG Datasheet
110Kb / 7P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10H100CG-1 STMICROELECTRONICS-STPS10H100CG-1 Datasheet
105Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10H100CG-TR STMICROELECTRONICS-STPS10H100CG-TR Datasheet
110Kb / 7P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10H100CG-TR STMICROELECTRONICS-STPS10H100CG-TR Datasheet
249Kb / 10P
High voltage power Schottky rectifier
20-Dec-2013
More results

Similar Description - STPS10H100CG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com