Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8541 Datasheet(PDF) 12 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # AD8541
Description  1.1MHz, 85μA, CMOS, RRIO Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

AD8541 Datasheet(HTML) 12 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button AD8541 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 15Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 16Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Typical Application Circuits
DIFFERENTIALAMPLIFIER
Figure 5 Differential Amplifier
The circuit shown in Figure 5 performs the difference function. If the resistors ratios are
equal R4/R3 = R2/R1, then:
VOUT = (Vp – Vn) × R2/R1 + VREF
INSTRUMENTATION AMPLIFIER
VOUT = (V1 – V2) × (1+ R1/R2 + 2R1/RG) + VREF
Figure 6 Instrumentation Amplifier
The AD854xA family is well suited for conditioning sensor signals in battery-powered
applications. Figure 6 shows a two op-amp instrumentation amplifier, using the AD854xA
op-amps. The circuit works well for applications requiring rejection of common-mode noise
at higher gains. The reference voltage (VREF ) is supplied by a low-impedance source. In
single voltage supply applications, the VREF is typically VS/2.
1.1MHz, 85µA, CMOS, RRIO Operational Amplifiers
UMW
AD8541,AD8542,AD8544
R
www.umw-ic.com
12
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com