Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8541 Datasheet(PDF) 13 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # AD8541
Description  1.1MHz, 85μA, CMOS, RRIO Operational Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

AD8541 Datasheet(HTML) 13 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button AD8541 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 15Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 16Page - Guangdong Youtai Semiconductor Co., Ltd. AD8541 Datasheet HTML 17Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Typical Application Circuits
BUFFERED CHEMICAL SENSORS
Figure 7 Buffered pH Probe
The AD854xA family has input bias current in the pA range. This is ideal in buffering
high impedance chemical sensors, such as pH probes. As an example, the circuit in Figure 7
eliminates expansive low-leakage cables that that is required to connect a pH probe (general
purpose combination pH probes, e.g. Corning 476540) to metering ICs such as ADC, AFE
and/or MCU. An AD854xA op-amp and a lithium battery are housed in the probe assembly.
A conventional low-cost coaxial cable can be used to carry the op-amp’s output signal to
subsequent ICs for pH reading.
SHUNT-BASED CURRENT SENSING AMPLIFIER
The current sensing amplification shown in Figure 8 has a slew rate of 2πfVPP for the
output of sine wave signal, and has a slew rate of 2fVPP for the output of triangular wave
signal. In most of motor control systems, the PWM frequency is at 10kHz to 20kHz, and one
cycle time is 100μs for a 10kHz of PWM frequency. In current shunt monitoring for a motor
phase, the phase current is converted to a phase voltage signal for ADC sampling. This
sampling voltage signal must be settled before entering the ADC. As the Figure 8 shown, the
total settling time of a current shunt monitor circuit includes: the rising edge delay time (tSR)
due to the op-amp’s slew rate, and the measurement settling time (tSET). For a 3-shunt solution
in motor phase current sensing, if the smaller duty cycle of the PWM is defined at 45% (In
fact, the phase with minimum PWM duty cycle, such as 5%, is not detected current directly,
and it can be calculated from the other two phase currents), and the tSR is required at 20% of a
total time window for a phase current monitoring, in case of a 3.3V motor control system
1.1MHz, 85µA, CMOS, RRIO Operational Amplifiers
UMW
AD8541,AD8542,AD8544
R
www.umw-ic.com
13
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com