Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LGSOT05CLT1G Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LGSOT05CLT1G
Description  The LGSOT05CLT1G is a dual monolithic voltage suppressordesigned to protect components
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LGSOT05CLT1G Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  LGSOT05CLT1G Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. LGSOT05CLT1G Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LGSOT05CLT1G Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.umw-ic.com
2
UTD Semiconductor Co.,Limited
ELRCTIRCAL CHARACTERISTICS CURVES
0.1
1
10
100
0
0.5
1
VF FORWARD VOLTAGE (V)
0℃
25℃
50℃
75℃
100℃
125℃
0
0.1
0.2
0.3
0.4
0.5
1
2
3
4
5
VR REVERSE VOLTAGE(V)
0℃
25℃
50℃
75℃
100℃
125℃
Fig 2. Reverese character
Fig 1. Forward character
Fig 3. Capacitance character
0
20
40
60
80
100
120
140
160
0
2
4
6
VR VERSE VOLTAGE(V)
UMW
LGSOT05C
R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com