Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LGSOT05CLT1G Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LGSOT05CLT1G
Description  The LGSOT05CLT1G is a dual monolithic voltage suppressordesigned to protect components
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LGSOT05CLT1G Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  LGSOT05CLT1G Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. LGSOT05CLT1G Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LGSOT05CLT1G Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The LGSOT05CLT1G is a dual monolithic voltage suppressor designed to protect components
which are connected
to data and
transmission lines against ESD .
It clamps the voltage just
above the logic level supply for positive transients , and to a diode drop below ground for negative
transients . It can also work as bidirectional suppressor by connecting only pin1 and 2.
APPLICATIONS
Computers、Printers
Communication systems
FEATURES
2 Unidirectional Transil functions
Low leakage current: IR
max< 20 μA at VRM
300W peak pulse power(8/20μs)
Transient protection for data lines as per
IEC61000-4-2(ESD) 15kV(air) 8kV(contact)
IEC61000-4-5(Lightning) see IPPM below
We declare that the material of product compliant with
RoHS requirements and Halogen Free.
ABSOLUTE RATINGS(Ta = 25℃)
Unit
IEC 61000−4−2 (ESD)
Air
W
℃
Storage temperature
℃
Operating Temperature Range
℃
℃
Peak Pulse Power (tp = 8/20us)
PPP
300
Parameter
Symbol
Limits
Contact
±8
kV
±15
TJ
150
Tstg
−55∼+150
TOP
−40∼+125
TL
260
(10 Second Duration)
UMW
LGSOT05C
R
www.umw-ic.com
1
UTD Semiconductor Co.,Limited
Electrical Parameter
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current
IPPM
Peak pulse current
•
•
•
•
•
•
•
•
•
ELECTRICAL CHARACTERISTICS (Ta= 25℃)
IT
mA
LGSOT05CLT1G
1
1. VBR is measured with a pluse test current IT at an ambient temperature of 25℃.
VBR (V)
VC (V)
IPP(A)
(V)
@VRWM (Note 1)
@Ipp = 1 A
@Ipp = 5A
@tp=8/20μs
VRWM
IR (u A)
@ IT
VC (V)
C (pF)
Device
Max
Max
Min
Max
Max
Max
Max
220
5
5
6
9.8
12.5
17


Similar Part No. - LGSOT05CLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LGSOT05CLT1G LRC-LGSOT05CLT1G Datasheet
535Kb / 7P
Dual Transient Voltage Suppressors Array for ESD Protection
LGSOT05CLT1G LRC-LGSOT05CLT1G Datasheet
559Kb / 5P
Dual Transient Voltage Suppressors Array for ESD Protection
LGSOT05CLT1G LRC-LGSOT05CLT1G_11 Datasheet
559Kb / 5P
Dual Transient Voltage Suppressors Array for ESD Protection
More results

Similar Description - LGSOT05CLT1G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1.5SMCXXAT3G LITTELFUSE-1.5SMCXXAT3G Datasheet
767Kb / 5P
The 1.5SMCxxAT3G series is designed to protect voltage sensitive components from high voltage
1PMT5.0AT1G-T3G LITTELFUSE-1PMT5.0AT1G-T3G Datasheet
647Kb / 5P
The 1PMT5.0AT1G/T3G Series is designed to protect voltage sensitive components from high voltage
1SMA5.0AT3G LITTELFUSE-1SMA5.0AT3G Datasheet
723Kb / 5P
The 1SMA5.0AT3G series is designed to protect voltage sensitive components from high voltage
1SMA10CAT3G LITTELFUSE-1SMA10CAT3G Datasheet
733Kb / 5P
The 1SMA10CAT3G series is designed to protect voltage sensitive components from high voltage
1SMB10CAT3G LITTELFUSE-1SMB10CAT3G Datasheet
730Kb / 6P
The 1SMB10CAT3Gv series is designed to protect voltage sensitive components from high voltage
SMF5.0AT1G LITTELFUSE-SMF5.0AT1G Datasheet
849Kb / 5P
The SMF5.0AT1G Series is designed to protect voltage sensitive components from high voltage
SZ1SMB LITTELFUSE-SZ1SMB Datasheet
800Kb / 8P
The SZ1SMB series is designed to protect voltage sensitive components from high voltage
logo
Guangdong Youtai Semico...
LESD3Z5.0CMT1G UMW-LESD3Z5.0CMT1G Datasheet
463Kb / 4P
The LESD3Z5.0CMT1G is designed to protect voltage
LESD5D5.0CT1G UMW-LESD5D5.0CT1G Datasheet
405Kb / 4P
The LESD5D5.0CT1G is designed to protect voltage
ESD5B5.0ST1G UMW-ESD5B5.0ST1G Datasheet
304Kb / 3P
The ESD5B5.0ST1G Series is designed to protect voltage sensitive components from ESD.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com