Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75BDP Datasheet(PDF) 21 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM75BDP
Description  plastic thin shrink small outline package; 8 leads;
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM75BDP Datasheet(HTML) 21 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button LM75BDP Datasheet HTML 15Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 16Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 17Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 18Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 19Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 20Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 21Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 22Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 23Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
 
12. Dynamic characteristics
Table 19.
I2C-bus interface dynamic characteristics[1]
VCC = 2.8 V to 5.5 V; Tamb = 55 C to +125 C; unless otherwise specified.
 
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCL
SCL clock frequency
see Figure 20
0.02
-
400
kHz
tHIGH
HIGH period of the SCL clock
 
0.6
-
-
s
tLOW
LOW period of the SCL clock
 
1.3
-
-
s
tHD;STA
hold time (repeated) START condition  
100
-
-
ns
tSU;DAT
data set-up time
 
100
-
-
ns
tHD;DAT
data hold time
 
0
-
-
ns
tSU;STO
set-up time for STOP condition
 
100
-
-
ns
tf
fall time
SDA and OS outputs;
CL = 400 pF; IOL =3 mA
-
250
-
ns
tto
time-out time
[2][3] 75
-
200
ms
 
[1]
These specifications are guaranteed by design and not tested in production.
[2]
This is the SDA time LOW for reset of serial interface.
[3]
Holding the SDA line LOW for a time greater than tto will cause the LM75B to reset SDA to the idle state of the serial bus communication
(SDA set HIGH).
 
 
 
 
 
SDA
 
tf
 
 
SCL
 
 
tLOW
tr
 
 
tSU;DAT
tf
 
 
 
tHD;STA
tSP
tr
 
 
tBUF
0.7 × VDD
0.3 × VDD
 
 
 
0.7 × VDD
0.3 × VDD
tHD;STA
tHIGH
tSU;STA
tSU;STO
S
tHD;DAT
Sr
P
S
 
002aab271
 
Fig 20. Timing diagram
www.umw-ic.com
21
友台半导体有限公司
UMW
LM75B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com