Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75BDP Datasheet(PDF) 8 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM75BDP
Description  plastic thin shrink small outline package; 8 leads;
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM75BDP Datasheet(HTML) 8 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button LM75BDP Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BDP Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Table 8.
Conf register …continued
Legend: * = default value.
Bit
Symbol
Access Value Description
B1
OS_COMP_INT R/W
OS operation mode selection
0*
OS comparator
1
OS interrupt
B0
SHUTDOWN
R/W
device operation mode selection
0*
normal
1
shutdown
 
7.4.3 Temperature register
 
The Temperature register (Temp) holds the digital result of temperature measurement or
monitor at the end of each analog-to-digital conversion. This register is read-only and
contains two 8-bit data bytes consisting of one Most Significant Byte (MSByte) and one
Least Significant Byte (LSByte). However, only 11 bits of those two bytes are used to store
the Temp data in two’s complement format with the resolution of 0.125
C. Table 9 shows
the bit arrangement of the Temp data in the data bytes.
 
Table 9.
Temp register
 
MSByte
LSByte
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
 
When reading register Temp, all 16 bits of the two data bytes (MSByte and LSByte) are
provided to the bus and must be all collected by the controller to complete the bus
operation. However, only the 11 most significant bits should be used, and the 5 least
significant bits of the LSByte are zero and should be ignored. One of the ways to calculate
the Temp value in
C from the 11-bit Temp data is:
 
1. If the Temp data MSByte bit D10 = 0, then the temperature is positive and Temp value
(
C) = +(Temp data)  0.125 C.
2. If the Temp data MSByte bit D10 = 1, then the temperature is negative and
Temp value (
C) = (two’s complement of Temp data)  0.125 C.
 
Examples of the Temp data and value are shown in Table 10.
 
Table 10.
Temp register value
11-bit binary
(two’s complement)
Hexadecimal value
Decimal value
Value
011 1111 1000
3F8
1016
+127.000
C
011 1111 0111
3F7
1015
+126.875
C
011 1111 0001
3F1
1009
+126.125
C
011 1110 1000
3E8
1000
+125.000
C
000 1100 1000
0C8
200
+25.000
C
000 0000 0001
001
1
+0.125
C
000 0000 0000
000
0
0.000
C
111 1111 1111
7FF
1
0.125 C
 
www.umw-ic.com
8
友台半导体有限公司
UMW
LM75B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com