Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV321IDBVR Datasheet(PDF) 7 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LMV321IDBVR
Description  Low-Power rail-to-rail Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LMV321IDBVR Datasheet(HTML) 7 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button LMV321IDBVR Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321IDBVR Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321IDBVR Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321IDBVR Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321IDBVR Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321IDBVR Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321IDBVR Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321IDBVR Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321IDBVR Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
D
E1
b
E
A1
A2
e
θ
L1
C
SOP-8
Symbol
Dimensions
In Millimeters
Dimensions In
Inches
Min
Max
Min
Max
A1
0.100
0.250
0.004
0.010
A2
1.350
1.550
0.053
0.061
b
0.330
0.510
0.013
0.020
C
0.190
0.250
0.007
0.010
D
4.780
5.000
0.188
0.197
E
3.800
4.000
0.150
0.157
E1
5.800
6.300
0.228
0.248
e
1.270 TYP
0.050 TYP
L1
0.400
1.270
0.016
0.050
θ
0°
8°
0°
8°
Low-Power rail-to-rail Operational Amplifier
UMW
LMV321/LMV358/LMV324
R
www.umw-ic.com
7
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com