Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV321IDBVR Datasheet(PDF) 8 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LMV321IDBVR
Description  Low-Power rail-to-rail Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LMV321IDBVR Datasheet(HTML) 8 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button LMV321IDBVR Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321IDBVR Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321IDBVR Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321IDBVR Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321IDBVR Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321IDBVR Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321IDBVR Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321IDBVR Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321IDBVR Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TSSOP-8
Symbol
Dimensions
In Millimeters
Dimensions In
Inches
Min
Max
Min
Max
A
0.800
1.200
0.031
0.047
A1
0.000
0.200
0.000
0.008
A2
0.760
0.970
0.030
0.038
b
0.30 TYP
0.012 TYP
C
0.15 TYP
0.006 TYP
D
2.900
3.100
0.114
0.122
e
0.65 TYP
0.026
E
2.900
3.100
0.114
0.122
E1
4.700
5.100
0.185
0.201
L1
0.410
0.650
0.016
0.026
θ
0°
6°
0°
6°
E1
e
E
A1
D
L1
L2
L
R
R1
θ
b
Low-Power rail-to-rail Operational Amplifier
UMW
LMV321/LMV358/LMV324
R
www.umw-ic.com
8
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com