Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDTA123ECA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDTA123ECA
Description  PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTA123ECA Datasheet(HTML) 1 Page - Diodes Incorporated

  DDTA123ECA Datasheet HTML 1Page - Diodes Incorporated DDTA123ECA Datasheet HTML 2Page - Diodes Incorporated DDTA123ECA Datasheet HTML 3Page - Diodes Incorporated DDTA123ECA Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DS30333 Rev. 6 - 2
1 of 4
DDTA (R1 = R2 SERIES) CA
www.diodes.com
ã Diodes Incorporated
DDTA (R1 = R2 SERIES) CA
PNP PRE-BIASED SMALL SIGNAL SOT-23
SURFACE MOUNT TRANSISTOR
·
Epitaxial Planar Die Construction
·
Complementary NPN Types Available (DDTC)
·
Built-In Biasing Resistors, R1 = R2
·
Lead Free/RoHS Compliant (Note 2)
Characteristic
Symbol
Value
Unit
Supply Voltage, (3) to (2)
VCC
-50
V
Input Voltage, (1) to (2)
DDTA123ECA
DDTA143ECA
DDTA114ECA
DDTA124ECA
DDTA144ECA
DDTA115ECA
VIN
+10 to -12
+10 to -30
+10 to -40
+10 to -40
+10 to -40
+10 to -40
V
Output Current
DDTA123ECA
DDTA143ECA
DDTA114ECA
DDTA124ECA
DDTA144ECA
DDTA115ECA
IO
-100
-100
-50
-30
-30
-20
mA
Output Current
All
IC (Max)
-100
mA
Power Dissipation
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
A
E
J
L
TOP VIEW
M
B
C
H
G
D
K
Mechanical Data
·
Case: SOT-23
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminal Connections: See Diagram
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy
42 leadframe).
·
Marking: Date Code and Type Code (See Table Below &
Page 2)
·
Ordering Information (See Page 2)
·
Weight: 0.008 grams (approximate)
P/N
R1, R2 (NOM) Type Code
DDTA123ECA
DDTA143ECA
DDTA114ECA
DDTA124ECA
DDTA144ECA
DDTA115ECA
2.2K
W
4.7K
W
10K
W
22K
W
47K
W
100K
W
P04
P08
P13
P17
P20
P24
Note:
1.
Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead.
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
a
0
°
8
°
All Dimensions in mm
R1
OUT
B
C
E
R2
3
2
1
IN
GND(+)
1
3
GND (+)
C
B
IN
OUT
E
Schematic and Pin Configuration
Equivalent Inverter Circuit
SPICE MODELS: DDTA123ECA DDTA143ECA DDTA114ECA DDTA124ECA DDTA144ECA DDTA115ECA


Similar Part No. - DDTA123ECA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA123ECA DIODES-DDTA123ECA Datasheet
67Kb / 3P
PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30333 Rev. 2 - 2
DDTA123ECA DIODES-DDTA123ECA Datasheet
127Kb / 4P
PNP PRE-BIASED SMALL SIGNAL SOT-23
Rev. 7 - 2
DDTA123ECA DIODES-DDTA123ECA_2 Datasheet
127Kb / 4P
PNP PRE-BIASED SMALL SIGNAL SOT-23
Rev. 7 - 2
More results

Similar Description - DDTA123ECA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA113TCA DIODES-DDTA113TCA Datasheet
66Kb / 3P
PNP PRE-BIASED SMALL SIGNAL SOT-23 DUAL SURFACE MOUNT TRANSISTOR
DS30335 Rev. 2 - 2
DDTA113ZCA DIODES-DDTA113ZCA Datasheet
76Kb / 4P
PNP PRE-BIASED SMALL SIGNAL SOT-23 DUAL SURFACE MOUNT TRANSISTOR
DS30334 Rev. 2 - 2
DDTA114GCA DIODES-DDTA114GCA Datasheet
66Kb / 3P
PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30336 Rev. 2 - 2
DDTA123ECA DIODES-DDTA123ECA Datasheet
67Kb / 3P
PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30333 Rev. 2 - 2
DDTAXXXXCA DIODES-DDTAXXXXCA Datasheet
188Kb / 3P
PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30336 Rev. 2 - 2
DDTA113ZCA DIODES-DDTA113ZCA_1 Datasheet
92Kb / 5P
PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30334 Rev. 6 - 2
DDTA113TCA DIODES-DDTA113TCA_1 Datasheet
445Kb / 4P
PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30335 Rev. 5 - 2
DDTA114GCA DIODES-DDTA114GCA_1 Datasheet
92Kb / 4P
PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30336 Rev. 6 - 2
DDTA123ECA DIODES-DDTA123ECA_2 Datasheet
127Kb / 4P
PNP PRE-BIASED SMALL SIGNAL SOT-23
Rev. 7 - 2
DDTA113ZCA DIODES-DDTA113ZCA_2 Datasheet
133Kb / 4P
PNP PRE-BIASED SMALL SIGNAL SOT-23
DS30334 Rev. 7 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com