Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDTA123ECA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTA123ECA
Description  PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTA123ECA Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTA123ECA Datasheet HTML 1Page - Diodes Incorporated DDTA123ECA Datasheet HTML 2Page - Diodes Incorporated DDTA123ECA Datasheet HTML 3Page - Diodes Incorporated DDTA123ECA Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30333 Rev. 6 - 2
2 of 4
DDTA (R1 = R2 SERIES) CA
www.diodes.com
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
Vl(off)
-0.5
-1.1
¾
V
VCC = 5V, IO = 100
mA
Vl(on)
¾
-1.9
-3
VO = 0.3V, IO = 20mA, DDTA123ECA
VO = 0.3V, IO = 20mA, DDTA143ECA
VO = 0.3V, IO = 10mA, DDTA114ECA
VO = 0.3V, IO = 5mA, DDTA124ECA
VO = 0.3V, IO = 2mA, DDTA144ECA
VO = 0.3V, IO = 1mA, DDTA115ECA
Output Voltage
VO(on)
¾
-0.1
-0.3
V
IO/Il =10mA/0.5mA, DDTA123ECA
IO/Il =10mA/0.5mA, DDTA143ECA
IO/Il =10mA/0.5mA, DDTA114ECA
IO/Il =10mA/0.5mA, DDTA124ECA
IO/Il =10mA/0.5mA, DDTA144ECA
IO/Il =5mA/0.25mA, DDTA115ECA
Input Current
DDTA123ECA
DDTA143ECA
DDTA114ECA
DDTA124ECA
DDTA144ECA
DDTA115ECA
Il
¾¾
-3.8
-1.8
-.88
-.36
-.18
-.15
mA
VI = -5V
Output Current
IO(off)
¾¾
0.5
mA
VCC = -50V, VI = 0V
DC Current Gain
DDTA123ECA
DDTA143ECA
DDTA114ECA
DDTA124ECA
DDTA144ECA
DDTA115ECA
Gl
-20
-20
-30
-56
-68
-82
¾¾
¾
VO = -5V, IO = -20mA
VO = -5V, IO = -10mA
VO = -5V, IO = -5mA
VO = -5V, IO = -5mA
VO = -5V, IO = -5mA
VO = -5V, IO = -5mA
Input Resistor (R1) Tolerance
DR1
-30
¾
+30
%
¾
Resistance Ratio
R2/R1
0.8
1
1.2
¾
¾
Gain-Bandwidth Product*
fT
¾
250
¾
MHz
VCE = -10V, IE = 5mA,
f = 100MHz
Electrical Characteristics @ TA = 25°C unless otherwise specified
* Transistor - For Reference Only
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Year
2002
2003
2004
2005
2006
2007
2008
2009
Code
NP
R
S
T
UV
W
Date Code Key
XXX = Product Type Marking Code, See Table on Page 1
YM = Date Code Marking
Y = Year ex: T = 2006
M = Month ex: 9 = September
XXX
Marking Information
Notes:
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
DDTA123ECA-7-F
SOT-23
3000/Tape & Reel
DDTA143ECA-7-F
SOT-23
3000/Tape & Reel
DDTA114ECA-7-F
SOT-23
3000/Tape & Reel
DDTA124ECA-7-F
SOT-23
3000/Tape & Reel
DDTA144ECA-7-F
SOT-23
3000/Tape & Reel
DDTA115ECA-7-F
SOT-23
3000/Tape & Reel
Ordering Information (Note 3)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com