Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB0403-T13 Datasheet(PDF) 4 Page - Protek Devices

Part # USB0403-T13
Description  LOW CAPACITANCE TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

USB0403-T13 Datasheet(HTML) 4 Page - Protek Devices

  USB0403-T13 Datasheet HTML 1Page - Protek Devices USB0403-T13 Datasheet HTML 2Page - Protek Devices USB0403-T13 Datasheet HTML 3Page - Protek Devices USB0403-T13 Datasheet HTML 4Page - Protek Devices USB0403-T13 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
USB0403
thru
USB0424C
4
05205.R1 6/06
www.protekdevices.com
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Circuit board layout is critical for Electromagnetic Compatibility
(EMC) protection. The following guidelines are recommended:
✔
The protection device should be placed near the input
terminals or connectors, the device will divert the transient
current immediately before it can be coupled into the nearby
traces.
✔
The path length between the TVS device and the protected
line should be minimized.
✔
All conductive loops including power and ground loops
should be minimized.
✔
The transient current return path to ground should be kept
as short as possible to reduce parasitic inductance.
✔
Ground planes should be used whenever possible. For
multilayer PCBs, use ground vias.
The USB04 Series are TVS arrays designed to protect I/O or
data lines from the damaging effects of ESD and EFT. This
product series provides both unidirectional and bidirectional
protection, with a surge capability of 500 Watts P
PP per line for
an 8/20µs waveform and ESD protection > 40kV.
UNIDIRECTIONAL
COMMON-MODE CONFIGURATION (Figure 1)
The two USB04 Series devices provide protection in a common-
mode configuration as depicted in Figure 1.
Circuit connectivity is as follows:
✔
TVS Device 1: Line 1(D+) is connected to Pins 2 & 3.
✔
TVS Device 2: Line 2(D-) is connected to Pins 2 & 3.
✔
Both TVS Devices: Pins 1 & 4 connected to ground.
BIDIRECTIONAL
DIFFERENTIAL-MODE CONFIGURATION (Figure 2)
The USB04xxC Series provides protection in a differential-mode
configuration as depicted in Figure 2.
Circuit connectivity is as follows:
✔
Line 1(R
X) is connected to Pins 1 & 4.
✔
Line 2(T
X) is connected to Pins 2 & 3.
Figure 1 - Unidirectional Configuration (Two TVS Devices)
Common-Mode USB Protection
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
1
4
3
2
1
4
2
3
D+
USB IC
D-
GND
SOLDER PAD
Figure 2 - Bidirectional Configuration
Differential-Mode Ethernet Protection
1
4
3
2
R
R
T
X
R
X
APPLICATIONS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com