Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB0403-T13 Datasheet(PDF) 1 Page - Protek Devices

Part # USB0403-T13
Description  LOW CAPACITANCE TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

USB0403-T13 Datasheet(HTML) 1 Page - Protek Devices

  USB0403-T13 Datasheet HTML 1Page - Protek Devices USB0403-T13 Datasheet HTML 2Page - Protek Devices USB0403-T13 Datasheet HTML 3Page - Protek Devices USB0403-T13 Datasheet HTML 4Page - Protek Devices USB0403-T13 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
USB0403
thru
USB0424C
LOW CAPACITANCE TVS ARRAY
1
05205.R1 6/06
www.protekdevices.com
APPLICATIONS
✔ Ethernet - 10/100 Base T
✔ Cellular Phones
✔ Audio & Video Inputs
✔ FireWire, SCSI & USB Interfaces
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
✔ 61000-4-5 (Surge): 12A, 8/20µs - Level 1(Line-Gnd) & Level 2(Line-Line)
FEATURES
✔ 500 Watts Peak Pulse Power per Line (tp=8/20µs)
✔ Unidirectional & Bidirectional Configurations
✔ Available in Multiple Voltage Types Ranging From 3V to 24V
✔ Protects One Line
✔ ESD Protection > 40 kilovolts
✔ Low Leakage
✔ Low Capacitance: 5pF per Line Pair
✔ RoHS Compliant in Lead-Free Versions
MECHANICAL CHARACTERISTICS
✔ Molded JEDEC SOT-143 Package
✔ Weight 9 milligrams (Approximate)
✔ Available in Tin-Lead or Lead-Free Pure-Tin Plating(Annealed)
✔ Solder Reflow Temperature:
Tin-Lead - Sn/Pb, 85/15: 240-245°C
Pure-Tin - Sn, 100: 260-270°C
✔ Flammability Rating UL 94V-0
✔ 8mm Tape and Reel Per EIA Standard 481
✔ Marking: Marking Code
PIN CONFIGURATIONS
3
4
1
2
UNIDIRECTIONAL
BIDIRECTIONAL
3
4
1
2
SOT-143


Similar Part No. - USB0403-T13

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
USB0403 MICROSEMI-USB0403 Datasheet
184Kb / 2P
TVSarray ??Series
logo
Protek Devices
USB0403 PROTEC-USB0403 Datasheet
117Kb / 5P
LOW CAPACITANCE TVS ARRAY
USB0403 PROTEC-USB0403 Datasheet
900Kb / 9P
350 watt low capacitance tvs array
USB0403 PROTEC-USB0403 Datasheet
901Kb / 9P
350 WATT LOW CAPACITANCE TVS ARRAY
logo
Microsemi Corporation
USB0403C MICROSEMI-USB0403C Datasheet
159Kb / 2P
TVSarray ??Series
More results

Similar Description - USB0403-T13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
LOW CAPACITANCE TVS ARRAY
logo
Protek Devices
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
LOW CAPACITANCE TVS ARRAY
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
LOW CAPACITANCE TVS ARRAY
PAM06SC7905S PROTEC-PAM06SC7905S Datasheet
437Kb / 6P
LOW CAPACITANCE TVS ARRAY
DSOT0502 PROTEC-DSOT0502 Datasheet
524Kb / 6P
LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com