Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDC124EU Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDC124EU
Description  NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDC124EU Datasheet(HTML) 1 Page - Diodes Incorporated

  DDC124EU Datasheet HTML 1Page - Diodes Incorporated DDC124EU Datasheet HTML 2Page - Diodes Incorporated DDC124EU Datasheet HTML 3Page - Diodes Incorporated DDC124EU Datasheet HTML 4Page - Diodes Incorporated DDC124EU Datasheet HTML 5Page - Diodes Incorporated DDC124EU Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DS30345 Rev. 7 - 2
1 of 6
DDC (xxxx) U
www.diodes.com
ã Diodes Incorporated
·
Epitaxial Planar Die Construction
·
Complementary PNP Types Available (DDA)
·
Built-In Biasing Resistors
·
Lead Free/RoHS Compliant (Note 3)
Characteristic
Symbol
Value
Unit
Supply Voltage, (6) to (1) and (3) to (4)
VCC
50
V
Input Voltage, (2) to (1) and (5) to (4)
DDC124EU
DDC144EU
DDC114YU
DDC123JU
DDC114EU
DDC113TU
DDC143TU
DDC114TU
VIN
-10 to +40
-10 to +40
-6 to +40
-5 to +12
-10 to +40
-5 Vmax
-5 Vmax
-5 Vmax
V
Output Current
DDC124EU
DDC144EU
DDC114YU
DDC123JU
DDC114EU
DDC113TU
DDC143TU
DDC114TU
IO
30
30
70
100
50
100
100
100
mA
Output Current
All
IC (Max)
100
mA
Power Dissipation (Total)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
A
M
J
L
D
B C
H
K
G
F
NXX YM
Mechanical Data
·
Case: SOT-363
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy
42 leadframe).
·
Terminal Connections: See Diagram
·
Marking: Date Code and Marking Code
(See Diagrams & Page 3)
·
Ordering Information (See Page 3)
·
Weight: 0.006 grams (approximate)
P/N
R1
R2
MARKING
DDC124EU
DDC144EU
DDC114YU
DDC123JU
DDC114EU
DDC113TU
DDC143TU
DDC114TU
22K
W
47K
W
10K
W
2.2K
W
10K
W
1K
W
4.7K
W
10K
W
22K
W
47K
W
47K
W
47K
W
10K
W
¾
¾
¾
N17
N20
N14
N06
N13
N01
N07
N12
R1
R1
R2
6
5
4
3
2
1
R2
R1
R1
6
5
4
3
2
1
R1, R2
R1 Only
SCHEMATIC DIAGRAM
DDC (xxxx) U
NPN PRE-BIASED SMALL SIGNAL SOT-363
DUAL SURFACE MOUNT TRANSISTOR
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
0
°
8°
All Dimensions in mm
Note: 1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
2. 150mW per element must not be exceeded.
3.
No purposefully added lead.
SPICE MODELS: DDC124EU DDC144EU DDC114YU DDC123JU DDC114EU DDC143TU DDC114TU


Similar Part No. - DDC124EU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDC124EU DIODES-DDC124EU Datasheet
100Kb / 5P
NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30345 Rev. 3 - 2
DDC124EU DIODES-DDC124EU Datasheet
67Kb / 2P
NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30345 Rev. 1 - 1
DDC124EU DIODES-DDC124EU Datasheet
158Kb / 5P
NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30345 Rev. 9 - 2
DDC124EU-7 DIODES-DDC124EU-7 Datasheet
100Kb / 5P
NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30345 Rev. 3 - 2
DDC124EU DIODES-DDC124EU_2 Datasheet
158Kb / 5P
NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30345 Rev. 9 - 2
More results

Similar Description - DDC124EU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCX124EU DIODES-DCX124EU Datasheet
120Kb / 8P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30347 Rev. 2 - 2
DDC124EU DIODES-DDC124EU Datasheet
100Kb / 5P
NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30345 Rev. 3 - 2
DDTC113TUA DIODES-DDTC113TUA Datasheet
186Kb / 3P
NPN PRE-BIASED SMALL SIGNAL SOT-323 DUAL SURFACE MOUNT TRANSISTOR
DS30323 Rev. 2 - 1
DCX122LU DIODES-DCX122LU Datasheet
81Kb / 4P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30425 Rev. 3 - 2
DCXU DIODES-DCXU Datasheet
75Kb / 3P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30347 Rev. 1 - 1
DDAXXXXU DIODES-DDAXXXXU Datasheet
67Kb / 2P
PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30346 Rev. 1 - 1
DDCXXXXU DIODES-DDCXXXXU Datasheet
67Kb / 2P
NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30345 Rev. 1 - 1
DDA124EU DIODES-DDA124EU_1 Datasheet
102Kb / 6P
PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30346 Rev. 7 - 2
DDA122LU DIODES-DDA122LU Datasheet
77Kb / 3P
PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30423 Rev. 4 - 2
DDC122LU DIODES-DDC122LU Datasheet
68Kb / 3P
NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30424 Rev. 4 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com