Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDC124EU Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDC124EU
Description  NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDC124EU Datasheet(HTML) 2 Page - Diodes Incorporated

  DDC124EU Datasheet HTML 1Page - Diodes Incorporated DDC124EU Datasheet HTML 2Page - Diodes Incorporated DDC124EU Datasheet HTML 3Page - Diodes Incorporated DDC124EU Datasheet HTML 4Page - Diodes Incorporated DDC124EU Datasheet HTML 5Page - Diodes Incorporated DDC124EU Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DS30345 Rev. 7 - 2
2 of 6
DDC (xxxx) U
www.diodes.com
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
DDC124EU
DDC144EU
DDC114YU
DDC123JU
DDC114EU
Vl(off)
0.5
0.5
0.3
0.5
0.5
1.1
1.1
--
--
1.1
¾
V
VCC = 5V, IO = 100
mA
DDC124EU
DDC144EU
DDC114YU
DDC123JU
DDC114EU
Vl(on)
¾
1.9
1.9
--
--
1.9
3.0
3.0
1.4
1.1
3.0
VO = 0.3, IO = 5mA
VO = 0.3, IO = 2mA
VO = 0.3, IO = 1mA
VO = 0.3, IO = 5mA
VO = 0.3, IO = 10mA
Output Voltage
DDC124EU
DDC144EU
DDC114YU
DDC123JU
DDC114EU
VO(on)
¾
0.1
0.3
V
IO/Il = 10mA / 0.5mA
IO/Il = 10mA / 0.5mA
IO/Il = 5mA / 0.25mA
IO/Il = 5mA / 0.25mA
IO/Il = 10mA / 0.5mA
Input Current
DDC124EU
DDC144EU
DDC114YU
DDC123JU
DDC114EU
Il
¾¾
0.36
0.18
0.88
3.6
0.88
mA
VI = 5V
Output Current
IO(off)
¾¾
0.5
mA
VCC = 50V, VI = 0V
DC Current Gain
DDC124EU
DDC144EU
DDC114YU
DDC123JU
DDC114EU
Gl
56
68
68
80
30
¾¾
¾
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
VO = 5V, IO = 10mA
VO = 5V, IO = 10mA
VO = 5V, IO = 5mA
Input Resistor (R1) Tolerance
DR1
-30
¾
+30
%
¾
Resistance Ratio Tolerance
R2/R1
-20
¾
+20
%
¾
Gain-Bandwidth Product*
fT
¾
250
¾
MHz
VCE = 10V, IE = 5mA,
f = 100MHz
Electrical Characteristics @ TA = 25°C unless otherwise specified
* Transistor - For Reference Only
Characteristic (DDC113TU & DDC143TU &
DDC114TU only)
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
50
--
--
V
IC = 50
mA
Collector-Emitter Breakdown Voltage
BVCEO
50
--
--
V
IC = 1mA
Emitter-Base Breakdown Voltage
BVEBO
5
--
--
V
IE = 50
mA
Collector Cutoff Current
ICBO
--
--
0.5
mA
VCB = 50V
Emitter Cutoff Current
IEBO
--
--
0.5
mA
VEB = 4V
Collector-Emitter Saturation Voltage
VCE(sat)
--
--
0.3
V
IC/IB = 2.5mA / 0.25mA
DDC143TU
IC/IB = 1mA / 0.1mA
DDC114TU
IC/IB = 10mA / 1mA
DDC113TU
DC Current Transfer Ratio
hFE
100
250
600
--
IC = 1mA, VCE = 5V
Input Resistor (R1) Tolerance
DR1
-30
¾
+30
%
¾
Gain-Bandwidth Product*
fT
¾
250
¾
MHz
VCE = 10V, IE = -5mA, f = 100MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com