Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP40C Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # 5KP40C
Description  5.0 To 440V 5000W Axial Lead Transient Voltage Suppressors (TVS)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

5KP40C Datasheet(HTML) 2 Page - UN Semiconducctor INC

  5KP40C Datasheet HTML 1Page - UN Semiconducctor INC 5KP40C Datasheet HTML 2Page - UN Semiconducctor INC 5KP40C Datasheet HTML 3Page - UN Semiconducctor INC 5KP40C Datasheet HTML 4Page - UN Semiconducctor INC 5KP40C Datasheet HTML 5Page - UN Semiconducctor INC 5KP40C Datasheet HTML 6Page - UN Semiconducctor INC 5KP40C Datasheet HTML 7Page - UN Semiconducctor INC 5KP40C Datasheet HTML 8Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
2/7
Electrical Characteristics (TA=25℃ unless otherwise noted) ) (Continue)
5KP Series
5.0To 440V 5000W
Part Number
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM (V)
Breakdown
Voltage VBR (V)
@IT
Maximum
Clamping
Voltage VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(μA)
Test
Current
IT (mA)
MIN
MAX
5KP5.0
5KP5.0A
5KP6.0
5KP6.0A
5KP6.5
5KP6.5A
5KP7.0
5KP7.0A
5KP7.5
5KP7.5A
5KP8.0
5KP8.0A
5KP8.5
5KP8.5A
5KP9.0
5KP9.0A
5KP10
5KP10A
5KP11
5KP11A
5KP12
5KP12A
5KP13
5KP13A
5KP14
5KP14A
5KP15
5KP15A
5KP16
5KP16A
5KP17
5KP17A
5KP18
5KP18A
5KP19
5KP19A
5KP20
5KP20A
5KP22
5KP22A
5KP5.0C
5KP5.0CA
5KP6.0C
5KP6.0CA
5KP6.5C
5KP6.5CA
5KP7.0C
5KP7.0CA
5KP7.5C
5KP7.5CA
5KP8.0C
5KP8.0CA
5KP8.5C
5KP8.5CA
5KP9.0C
5KP9.0CA
5KP10C
5KP10CA
5KP11C
5KP11CA
5KP12C
5KP12CA
5KP13C
5KP13CA
5KP14C
5KP14CA
5KP15C
5KP15CA
5KP16C
5KP16CA
5KP17C
5KP17CA
5KP18C
5KP18CA
5KP19C
5KP19CA
5KP20C
5KP20CA
5KP22C
5KP22CA
5.0
5.0
6.0
6.0
6.5
6.5
7.0
7.0
7.5
7.5
8.0
8.0
8.5
8.5
9.0
9.0
10.0
10.0
11.0
11.0
12.0
12.0
13.0
13.0
14.0
14.0
15.0
15.0
16.0
16.0
17.0
17.0
18.0
18.0
19.0
19.0
20.0
20.0
22.0
22.0
6.40
6.40
6.67
6.67
7.22
7.22
7.78
7.78
8.33
8.33
8.89
8.89
9.44
9.44
10.00
10.00
11.10
11.10
12.20
12.20
13.30
13.30
14.40
14.40
15.60
15.60
16.70
16.70
17.80
17.80
18.90
18.90
20.00
20.00
21.13
21.10
22.20
22.20
24.40
24.40
7.30
7.00
8.15
7.37
8.82
7.98
9.51
8.60
10.20
9.21
10.90
9.83
11.50
10.40
12.20
11.10
13.60
12.30
14.90
13.50
16.30
14.70
17.60
15.90
19.10
17.20
20.40
18.50
21.80
19.70
23.10
20.90
24.40
22.10
25.76
23.30
27.10
24.50
29.80
26.90
10
10
10
10
10
10
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
9.6
9.2
11.4
10.3
12.3
11.2
13.3
12.0
14.3
12.9
15.0
13.6
15.9
14.4
16.9
15.4
18.8
17.0
20.1
18.2
22.0
19.9
23.8
21.5
25.8
23.2
26.9
24.4
28.8
26.0
30.5
27.6
32.2
29.2
34.0
30.8
35.8
32.4
39.4
35.5
520.83
543.48
438.60
485.44
406.50
446.43
375.94
416.67
349.65
387.60
333.33
367.65
314.47
347.22
295 86
324.68
265.96
294.12
248.76
274.73
227.27
251.26
210.08
232.56
193.80
215.52
185.87
204.92
173.61
192.31
163.93
181.16
155.28
171.23
147.02
162.44
139.66
154.32
126.90
140.85
800
800
800
800
500
500
200
200
100
100
50
50
20
20
10
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com