Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP40C Datasheet(PDF) 3 Page - UN Semiconducctor INC

Part # 5KP40C
Description  5.0 To 440V 5000W Axial Lead Transient Voltage Suppressors (TVS)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

5KP40C Datasheet(HTML) 3 Page - UN Semiconducctor INC

  5KP40C Datasheet HTML 1Page - UN Semiconducctor INC 5KP40C Datasheet HTML 2Page - UN Semiconducctor INC 5KP40C Datasheet HTML 3Page - UN Semiconducctor INC 5KP40C Datasheet HTML 4Page - UN Semiconducctor INC 5KP40C Datasheet HTML 5Page - UN Semiconducctor INC 5KP40C Datasheet HTML 6Page - UN Semiconducctor INC 5KP40C Datasheet HTML 7Page - UN Semiconducctor INC 5KP40C Datasheet HTML 8Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
5KP Series
5.0To 440V 5000W
3/7
Electrical Characteristics (TA=25℃ unless otherwise noted) ) (Continue)
Part Number
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM (V)
Breakdown
Voltage VBR (V)
@IT
Maximum
Clamping
Voltage VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(μA)
Test
Current
IT (mA)
MIN
MAX
5KP24
5KP24A
5KP26
5KP26A
5KP28
5KP28A
5KP30
5KP30A
5KP33
5KP33A
5KP36
5KP36A
5KP40
5KP40A
5KP43
5KP43A
5KP45
5KP45A
5KP48
5KP48A
5KP51
5KP51A
5KP54
5KP54A
5KP58
5KP58A
5KP60
5KP60A
5KP64
5KP64A
5KP70
5KP70A
5KP75
5KP75A
5KP78
5KP78A
5KP80
5KP80A
5KP85
5KP85A
5KP24C
5KP24CA
5KP26C
5KP26CA
5KP28C
5KP28CA
5KP30C
5KP30CA
5KP33C
5KP33CA
5KP36C
5KP36CA
5KP40C
5KP40CA
5KP43C
5KP43CA
5KP45C
5KP45CA
5KP48C
5KP48CA
5KP51C
5KP51CA
5KP54C
5KP54CA
5KP58C
5KP58CA
5KP60C
5KP60CA
5KP64C
5KP64CA
5KP70C
5KP70CA
5KP75C
5KP75CA
5KP78C
5KP78CA
5KP80C
5KP80CA
5KP85C
5KP85CA
24.0
24.0
26.0
26.0
28.0
28.0
30.0
30.0
33.0
33.0
36.0
36.0
40.0
40.0
43.0
43.0
45.0
45.0
48.0
48.0
51.0
51.0
54.0
54.0
58.0
58.0
60.0
60.0
64.0
64.0
70.0
70.0
75.0
75.0
78.0
78.0
80.0
80.0
85.0
85.0
26.70
26.70
28.90
28.90
31.10
31.10
33.30
33.30
36.70
36.70
40.00
40.00
44.40
44.40
47.80
47.80
50.00
50.00
53.30
53.30
56.70
56.70
60.00
60.00
64.40
64.40
66.70
66.70
71.10
71.10
77.80
77.80
83.30
83.30
86.70
86.70
88.96
88.80
94.40
94.40
32.60
29.50
35.30
31.90
38.00
34.40
40.70
36.80
44.90
40.60
48.90
44.20
54.30
49.10
58.40
52.80
61.10
55.30
65.10
58.90
69.30
62.70
73.30
66.30
78.70
71.20
81.50
73.70
86.90
78.60
95.10
86.00
102.00
92.10
106.00
95.80
108.80
97.60
115.00
104.00
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
43.0
38.9
46.6
42.1
50.0
45.4
53.5
48.4
59.0
53.3
64.3
58.1
71.4
64.5
76.7
69.4
80.3
72.7
85.5
77.4
91.1
82.4
96.3
87.1
103.0
93.6
107.0
96.8
114.0
103.0
125.0
113.0
134.0
121.0
139.0
126.0
143.2
129.6
151.0
137.0
116.28
128.53
107.30
118.76
100.00
110.13
93.46
103.31
84.75
93.81
77.76
86.06
70.03
77.52
65.19
72.05
62.27
68.78
58.48
64.60
54.88
60.68
51.92
57.41
48.54
53.42
46.73
51.65
43.86
48.54
40.00
44.25
37.31
41.32
35.97
39.68
34.92
38.58
33.11
36.50
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com