Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F017D Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM29F017D
Description  16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F017D Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM29F017D Datasheet HTML 1Page - Advanced Micro Devices AM29F017D Datasheet HTML 2Page - Advanced Micro Devices AM29F017D Datasheet HTML 3Page - Advanced Micro Devices AM29F017D Datasheet HTML 4Page - Advanced Micro Devices AM29F017D Datasheet HTML 5Page - Advanced Micro Devices AM29F017D Datasheet HTML 6Page - Advanced Micro Devices AM29F017D Datasheet HTML 7Page - Advanced Micro Devices AM29F017D Datasheet HTML 8Page - Advanced Micro Devices AM29F017D Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
DATA SHEET
This Data Sheet states AMD’s current technical specifications regarding the Product described herein. This Data
Sheet may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication# 21195
Rev: E Amendment: 5
Issue Date: September 12, 2006
Am29F017D
16 Megabit (2 M x 8-Bit)
CMOS 5.0 Volt-only, Uniform Sector Flash Memory
DISTINCTIVE CHARACTERISTICS
Optimized for memory card applications
— Backwards-compatible with Am29F016C and
Am29F017B
5.0 V
± 10%, single power supply operation
— Minimizes system level power requirements
Manufactured on 0.23 µm process technology
High performance
— Access times as fast as 70 ns
Low power consumption
— 25 mA typical active read current
— 30 mA typical program/erase current
— 1 µA typical standby current (standard access
time to active mode)
Flexible sector architecture
— 32 uniform sectors of 64 Kbytes each
— Any combination of sectors can be erased.
— Supports full chip erase
— Group sector protection:
A hardware method of locking sector groups to
prevent any program or erase operations within
that sector group
Temporary Sector Group Unprotect allows code
changes in previously locked sectors
Embedded Algorithms
— Embedded Erase algorithm automatically
preprograms and erases the entire chip or any
combination of designated sectors
— Embedded Program algorithm automatically
writes and verifies bytes at specified addresses
Unlock Bypass Program Command
— Reduces overall programming time when
issuing multiple program command sequences
Minimum 1,000,000 program/erase cycles per
sector guaranteed
20-year data retention at 125
°C
— Reliable operation for the life of the system
Package options
— 40-pin TSOP
— 48-pin TSOP
Compatible with JEDEC standards
— Pinout and software compatible with
single-power-supply Flash standard
— Superior inadvertent write protection
Data# Polling and toggle bits
— Provides a software method of detecting
program or erase cycle completion
Ready/Busy# output (RY/BY#)
— Provides a hardware method for detecting
program or erase cycle completion
Erase Suspend/Erase Resume
— Suspends a sector erase operation to read data
from, or program data to, a non-erasing sector,
then resumes the erase operation
Hardware reset pin (RESET#)
— Resets internal state machine to the read mode
This product has been retired and is not recommended for designs. Please contact your Spansion representative for alternates. Availability of this document is retained for reference
and historical purposes only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com