Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F017D Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # AM29F017D
Description  16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F017D Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button AM29F017D Datasheet HTML 33Page - Advanced Micro Devices AM29F017D Datasheet HTML 34Page - Advanced Micro Devices AM29F017D Datasheet HTML 35Page - Advanced Micro Devices AM29F017D Datasheet HTML 36Page - Advanced Micro Devices AM29F017D Datasheet HTML 37Page - Advanced Micro Devices AM29F017D Datasheet HTML 38Page - Advanced Micro Devices AM29F017D Datasheet HTML 39Page - Advanced Micro Devices AM29F017D Datasheet HTML 40Page - Advanced Micro Devices AM29F017D Datasheet HTML 41Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
38
Am29F017D
21195E5 September 12, 2006
DA TA
SH EET
REVISION SUMMARY
Revision A (July 1997)
Initial release of the Am29F017B device (0.35 µm).
Revision B (January 1998)
Global
Made formatting and layout consistent with other data
sheets. Used updated common tables and diagrams.
The online version has slightly modified formatting.
Revision B+1 (January 1998)
Reset Command
Deleted paragraph referring to RESET# waveforms.
AC Characteristics—Read-only Operations
Deleted note referring to output driver disable time.
Figure 16—Temporary Sector Group Unprotect
Timings
Corrected title to indicate “sector group.”
Revision B+2 (April 1998)
Global
Added -70 speed option, deleted -75 speed option.
Distinctive Characteristics
Changed minimum 100K write/erase cycles guaran-
teed to 1,000,000.
Ordering Information
Added extended temperature availability.
Operating Ranges
Added extended temperature range.
DC Characteristics, CMOS Compatible
Corrected the CE# and RESET# test conditions for
ICC3 and ICC4 to VCC ±0.5 V.
AC Characteristics
Erase/Program Operations; Erase and Program Oper-
ations Alternate CE# Controlled Writes: Corrected the
notes reference for tWHWH1 and tWHWH2. These
parameters are 100% tested. Corrected the note
reference for tVCS. This parameter is not 100% tested.
Temporary Sector Unprotect Table
Added note reference for tVIDR. This parameter is not
100% tested.
Erase and Programming Performance
Changed minimum 100K program and erase cycles
guaranteed to 1,000,000.
Revision B+3 (August 1998)
Global
The Am29F017B is now available in 40-pin standard
and reverse TSOP packages.
DC Characteristics
Moved the VCCmax test condition for ICC specifications
to notes.
Revision C (January 1999)
Global
Updated for CS39S process technology.
Distinctive Characteristics
Added:
20-year data retention at 125
°C
— Reliable operation for the life of the system
Ordering Information
Valid Combinations: Eliminated the extended tempera-
ture range option for Am29F017B-70.
DC Characteristics—CMOS Compatible
ICC3, ICC4: Added Note 5, “For CMOS mode only ICC3,
ICC4 = 20 µA at extended temperature (>+85°C)”.
Revision C+1 (March 23, 1999)
Operating Ranges
The temperature ranges are now specified as ambient.
Revision C+2 (May 17, 1999)
Product Seletor Guide
Corrected the tOE specification for the 150 ns speed
option to 55 ns.
Operating Ranges
VCC Supply Voltages: Added VCC for ± 5% devices.
Changed “VCC for± all devices” to “VCC for ± 10% all
devices.”
Revision D (November 16, 1999)
Distinctive Characteristics
Package Options: Added 40-pin TSOP.
AC Characteristics—Figure 11. Program
Operations Timing and Figure 12. Chip/Sector
Erase Operations
Deleted tGHWL and changed OE# waveform to start at
high.
Physical Dimensions
Replaced figures with more detailed illustrations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com