Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F800BT-55SC Datasheet(PDF) 43 Page - Advanced Micro Devices

Part # AM29F800BT-55SC
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F800BT-55SC Datasheet(HTML) 43 Page - Advanced Micro Devices

Back Button AM29F800BT-55SC Datasheet HTML 36Page - Advanced Micro Devices AM29F800BT-55SC Datasheet HTML 37Page - Advanced Micro Devices AM29F800BT-55SC Datasheet HTML 38Page - Advanced Micro Devices AM29F800BT-55SC Datasheet HTML 39Page - Advanced Micro Devices AM29F800BT-55SC Datasheet HTML 40Page - Advanced Micro Devices AM29F800BT-55SC Datasheet HTML 41Page - Advanced Micro Devices AM29F800BT-55SC Datasheet HTML 42Page - Advanced Micro Devices AM29F800BT-55SC Datasheet HTML 43Page - Advanced Micro Devices AM29F800BT-55SC Datasheet HTML 44Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
November 2, 2006 21504E5
Am29F800B
41
D A TA SH EE T
REVISION SUMMARY
Revision A (August 1997)
Initial release.
Revision B (October 1997)
Global
Added -55 speed option. Changed data sheet designa-
tion from Advance Information to Preliminary.
Sector Protection/Unprotection
Corrected text to indicate that these functions can only
be implemented using programming equipment.
Table 1, Device Bus Operations
Revised to indicate inputs for both CE# and RESET#
are required for standby mode.
Program Command Sequence
Changed to indicate Data# Polling is active for 2 µs
after a program command sequence if the sector spec-
ified is protected.
Sector Erase Command Sequence and DQ3: Sector
Erase Timer
Corrected sector erase timeout to 50 µs.
Erase Suspend Command
Changed to indicate that the device suspends the
erase operation a maximum of 20 µs after the rising
edge of WE#.
DC Characteristics
Changed to indicate VID min and max values are 11.5
to 12.5 V, with a VCC test condition of 5.0 V. Added
typical values to TTL table. Revised CMOS typical
standby current (ICC3).
Figure 14: Chip/Sector Erase Operation Timings;
Figure 19: Alternate CE# Controlled Write
Operation TImings
Corrected hexadecimal values in address and data
waveforms. In Figure 19, corrected data values for chip
and sector erase.
Erase and Programming Performance
Corrected word and chip programming times.
Revision C (January 1998)
Global
Formatted for consistency with other 5.0 volt-only
data sheets.
Revision C+1 (April 1998)
Distinctive Characteristics
Changed typical program/erase current to 30 mA to
match the CMOS DC Characteristics table.
Changed minimum endurance to 1 million write cycles
per sector guaranteed.
AC Characteristics
Erase/Program Operations: Corrected the notes refer-
ence for tWHWH1 and tWHWH2. These parameters are
100% tested. Changed tDS and tCP specifications for 55
ns device. Changed tWHWH1 word mode specification
to 12 µs.
Alternate CE# Controlled Erase/Program Operations:
Corrected the notes reference for tWHWH1 and tWHWH2.
These parameters are 100% tested. Changed tDS and
tCP specifications for 55 ns device. Changed tWHWH1
word mode specification to 12 µs.
Temporary Sector Unprotect Table
Added note reference for tVIDR. This parameter is not
100% tested.
Erase and Programming Performance
In Notes 1 and 6, changed the endurance specification
to 1 million cycles.
Revision C+2 (April 1998)
Product Selector Guide
Deleted the -55 speed option for VCC = 5.0 V ± 5%.
Added the -55 speed option for VCC = 5.0 V ± 10%.
Ordering Information
Va lid Combinations fo r Am29F800BT-5 5 and
Am29F800BB-55: Added the extended temperature
range for all package types.
Operating Ranges
VCC Supply Voltages: Deleted “VCC for ± 5% devices .
. . . +4.75 V to +5.25 V”. Changed “VCC for ±10%
devices . . . . +4.5 V to +5.5 V” to “VCC for all devices .
. . . +4.5 V to +5.5 V”.
Erase and Programming Performance
Note 2: Deleted “(4.75 V for -55)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com