Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F800BT-55SC Datasheet(PDF) 44 Page - Advanced Micro Devices

Part # AM29F800BT-55SC
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F800BT-55SC Datasheet(HTML) 44 Page - Advanced Micro Devices

Back Button AM29F800BT-55SC Datasheet HTML 36Page - Advanced Micro Devices AM29F800BT-55SC Datasheet HTML 37Page - Advanced Micro Devices AM29F800BT-55SC Datasheet HTML 38Page - Advanced Micro Devices AM29F800BT-55SC Datasheet HTML 39Page - Advanced Micro Devices AM29F800BT-55SC Datasheet HTML 40Page - Advanced Micro Devices AM29F800BT-55SC Datasheet HTML 41Page - Advanced Micro Devices AM29F800BT-55SC Datasheet HTML 42Page - Advanced Micro Devices AM29F800BT-55SC Datasheet HTML 43Page - Advanced Micro Devices AM29F800BT-55SC Datasheet HTML 44Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 44 page
background image
42
Am29F800B
21504E5 November 2, 2006
D A TA SH EE T
REVISION SUMMARY (Continued)
Revision D (January 1999)
Distinctive Characteristics
Added the 20-year data retention subbullet.
Ordering Information
Optional Processing: Deleted “B = Burn-in”.
DC Characteristics—TTL/NMOS Compatible
ILIT: Added OE# and RESET to the Description column.
Changed “A9 = 12.5 V” to “A9 = OE# = RESET = 12.5
V” in the Test Conditions column.
I LO, ICC1 , I CC2 : Deleted “V CC = V CC max” in
Test Conditions.
ICC3: Added Note 4, “ICC3 = 20 µA max at extended
temperatures (>+85°C)”.
DC Characteristics—CMOS Compatible
ILIT: Added OE# and RESET to the Description column.
Changed “A9 = 12.5 V” to “A9 = OE# = RESET = 12.5
V” in the Test Conditions column.
ICC1, ICC2, ICC3: Deleted “VCC = VCCmax”; added
Note 2 “Maximum ICC specifications are tested with
VCC = VCCmax”.
Revision D+1 (March 23, 1999)
Command Definitions table
Corrected SA definition in legend; range should be
A18–A12. In Note 4, A17 should be A18.
Revision D+2 (July 2, 1999)
Global
Added references to availability of device in Known
Good Die (KGD) form.
Revision E (November 16, 1999)
AC Characteristics—Figure 13. Program
Operations Timing and Figure 14. Chip/Sector
Erase Operations
Deleted tGHWL and changed OE# waveform to start at
high.
Physical Dimensions
Replaced figures with more detailed illustrations.
Revision E+1 (August 4, 2000)
Global
Added FBGA package.
Revision E+2 (June 4, 2004)
Ordering Information
Added Pb-Free OPNs.
Revision E3 (December 22, 2005)
Global
Deleted reverse TSOP package option and 150 ns
speed option.
Revision E4 (May 19, 2006)
Added “Not recommended for new designs” note.
AC Characteristics
Changed tBUSY specification to maximium value.
Revision E5 (November 2, 2006)
Deleted “Not recommended for new designs” note.
Colophon
The products described in this document are designed, developed and manufactured as contemplated for general use, including without limita-
tion, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as con-
templated (1) for any use that includes fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the
public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility,
aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for
any use where chance of failure is intolerable (i.e., submersible repeater and artificial satellite). Please note that Spansion Inc. will not be liable
to you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. Any semiconductor
devices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design
measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating
conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign
Exchange and Foreign Trade Law of Japan, the US Export Administration Regulations or the applicable laws of any other country, the prior au-
thorization by the respective government entity will be required for export of those products.
Trademarks
Copyright © 2006 Spansion Inc. All Rights Reserved. Spansion, the Spansion logo, MirrorBit, ORNAND, HD-SIM, and combinations thereof are
trademarks of Spansion Inc. Other names are for informational purposes only and may be trademarks of their respective owners.
Copyright © 2004–2006 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are registered trade-
marks of Advanced Micro Devices, Inc. ExpressFlash is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are
for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com