Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL322D Datasheet(PDF) 55 Page - Advanced Micro Devices

Part # AM29DL322D
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL322D Datasheet(HTML) 55 Page - Advanced Micro Devices

Back Button AM29DL322D_05 Datasheet HTML 48Page - Advanced Micro Devices AM29DL322D_05 Datasheet HTML 49Page - Advanced Micro Devices AM29DL322D_05 Datasheet HTML 50Page - Advanced Micro Devices AM29DL322D_05 Datasheet HTML 51Page - Advanced Micro Devices AM29DL322D_05 Datasheet HTML 52Page - Advanced Micro Devices AM29DL322D_05 Datasheet HTML 53Page - Advanced Micro Devices AM29DL322D_05 Datasheet HTML 54Page - Advanced Micro Devices AM29DL322D_05 Datasheet HTML 55Page - Advanced Micro Devices AM29DL322D_05 Datasheet HTML 56Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
54
Am29DL322D/323D/324D
December 13, 2005
Revision C+4 (July 2, 1999)
Device Bus Operations
Sector Address Tables: In the note below the tables,
corrected the bank address bit range for Am29DL323.
Revision C+5 (September 27, 1999)
Device Bus Operations
Sector Address tables: Corrected the bank address
bits specified.
Revision D (December 17, 1999)
Global
Changed Am29DL322C/323C to Am29DL322D/323D
to reflect new 0.23 µm process technology. Added 70
ns speed option.
AC Characteristics
Figure 17, Program Operations Timing; Figure 19,
Chip/Sector Erase Operations: Deleted t
GHWL and
changed OE# waveform to start at high.
Erase and Program Operations table; Alternate CE#
Controlled Erase and Program Operations table:
Changed the typical and maximum specifications for
programming time.
Erase and Programming Performance
In the table, changed the typical and maximum specifi-
cations for programming time.
Physical Dimensions
Replaced figures with more detailed illustrations.
Revision D+1 (June 21, 2000)
Global
Added information on the Am29DL324 device.
Device Bus Operations
Table 7, Autoselect Codes: The SecSi Sector Indicator
Bit values have changed from 80h and 00h to 81h and
01h, respectively.
Command Definitions
Table 14, Command Definitions: The SecSi Sector In-
dicator Bit values have changed from 80h and 00h to
81h and 01h, respectively.
Revision D+2 (August 3, 2000)
Block Diagram
Corrected “A0–A19” to “A0–A20”.
Table 3. Sector Addresses for Top Boot Sector
Devices
Changed the second occurrence of “Bank 2” in the
Am29DL324DT column to “Bank 1”. Added “A20 for
Am29DL324DT” to the note.
Table 5. Sector Addresses for Bottom Boot Sector
Devices
Changed the first occurrence of “Bank 2” in the
Am29DL324DB column to “Bank 1”. Added “A20 for
Am29DL324DB” to the note.
Revision D+3 (October 6, 2000)
Block Diagram
Added OE# and BYTE# inputs to lower bank section.
Ordering Information
Deleted burn-in option. Changed 70 ns speed option
from standard voltage range to regulated voltage
range.
Table 8, Top Boot Sector/Sector Block Addresses
for Protection/Unprotection
Corrected SA3 address range to 000011XXX.
RESET#: Hardware Reset Pin
Corrected reference to ICC current in DC Characteris-
tics table.
Revision D+4 (April 27, 2001)
Distinctive Characteristics, General Description,
SecSiTM (Secured Silicon) Sector Flash
Memory Region
Clarified that current version of device has 64 Kbyte
SecSi Sector; future versions will have 256 bytes.
Ordering Information
Added valid combinations for “N” designator.
Common Flash Memory Interface (CFI)
Modified first paragraph to indicate that the CFI Query
is not accessible when the device is executing an Em-
bedded Algorithm.
SecSi
TM (Secured Silicon) Sector Flash
Memory Region
Added note indicating that ACC and unlock bypass
are not available when programming the SecSi Sector.
Enter SecSiTM Sector/Exit SecSi Sector Command
Sequence
Added statement that SecSi Sector is not accessible
when the device is executing an Embedded Program
or Embedded Erase algorithm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com