Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL322D Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM29DL322D
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL322D Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM29DL322D_05 Datasheet HTML 11Page - Advanced Micro Devices AM29DL322D_05 Datasheet HTML 12Page - Advanced Micro Devices AM29DL322D_05 Datasheet HTML 13Page - Advanced Micro Devices AM29DL322D_05 Datasheet HTML 14Page - Advanced Micro Devices AM29DL322D_05 Datasheet HTML 15Page - Advanced Micro Devices AM29DL322D_05 Datasheet HTML 16Page - Advanced Micro Devices AM29DL322D_05 Datasheet HTML 17Page - Advanced Micro Devices AM29DL322D_05 Datasheet HTML 18Page - Advanced Micro Devices AM29DL322D_05 Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
14
Am29DL322D/323D/324D
December 13, 2005
Table 5.
Bottom Boot Sector Addresses
Sector
Sector Address
A20–A12
Sector Size
(Kbytes/Kwords)
(x8)
Address Range
(x16)
Address Range
SA0
000000000
8/4
000000h-001FFFh
000000h–000FFFh
SA1
000000001
8/4
002000h-003FFFh
001000h–001FFFh
SA2
000000010
8/4
004000h-005FFFh
002000h–002FFFh
SA3
000000011
8/4
006000h-007FFFh
003000h–003FFFh
SA4
000000100
8/4
008000h-009FFFh
004000h–004FFFh
SA5
000000101
8/4
00A000h-00BFFFh
005000h–005FFFh
SA6
000000110
8/4
00C000h-00DFFFh
006000h–006FFFh
SA7
000000111
8/4
00E000h-00FFFFh
007000h–007FFFh
SA8
000001xxx
64/32
010000h-01FFFFh
008000h–00FFFFh
SA9
000010xxx
64/32
020000h-02FFFFh
010000h–017FFFh
SA10
000011xxx
64/32
030000h-03FFFFh
018000h–01FFFFh
SA11
000100xxx
64/32
040000h-04FFFFh
020000h–027FFFh
SA12
000101xxx
64/32
050000h-05FFFFh
028000h–02FFFFh
SA13
000110xxx
64/32
060000h-06FFFFh
030000h–037FFFh
SA14
000111xxx
64/32
070000h-07FFFFh
038000h–03FFFFh
SA15
001000xxx
64/32
080000h-08FFFFh
040000h–047FFFh
SA16
001001xxx
64/32
090000h-09FFFFh
048000h–04FFFFh
SA17
001010xxx
64/32
0A0000h-0AFFFFh
050000h–057FFFh
SA18
001011xxx
64/32
0B0000h-0BFFFFh
058000h–05FFFFh
SA19
001100xxx
64/32
0C0000h-0CFFFFh
060000h–067FFFh
SA20
001101xxx
64/32
0D0000h-0DFFFFh
068000h–06FFFFh
SA21
001110xxx
64/32
0E0000h-0EFFFFh
070000h–077FFFh
SA22
001111xxx
64/32
0F0000h-0FFFFFh
078000h–07FFFFh
SA23
010000xxx
64/32
100000h-10FFFFh
080000h–087FFFh
SA24
010001xxx
64/32
110000h-11FFFFh
088000h–08FFFFh
SA25
010010xxx
64/32
120000h-12FFFFh
090000h–097FFFh
SA26
010011xxx
64/32
130000h-13FFFFh
098000h–09FFFFh
SA27
010100xxx
64/32
140000h-14FFFFh
0A0000h–0A7FFFh
SA28
010101xxx
64/32
150000h-15FFFFh
0A8000h–0AFFFFh
SA29
010110xxx
64/32
160000h-16FFFFh
0B0000h–0B7FFFh
SA30
010111xxx
64/32
170000h-17FFFFh
0B8000h–0BFFFFh
SA31
011000xxx
64/32
180000h-18FFFFh
0C0000h–0C7FFFh
SA32
011001xxx
64/32
190000h-19FFFFh
0C8000h–0CFFFFh
SA33
011010xxx
64/32
1A0000h-1AFFFFh
0D0000h–0D7FFFh
SA34
011011xxx
64/32
1B0000h-1BFFFFh
0D8000h–0DFFFFh
SA35
011100xxx
64/32
1C0000h-1CFFFFh
0E0000h–0E7FFFh
SA36
011101xxx
64/32
1D0000h-1DFFFFh
0E8000h–0EFFFFh
SA37
011110xxx
64/32
1E0000h-1EFFFFh
0F0000h–0F7FFFh
SA38
011111xxx
64/32
1F0000h-1FFFFFh
0F8000h–0FFFFFh
SA39
100000xxx
64/32
200000h-20FFFFh
100000h–107FFFh
SA40
100001xxx
64/32
210000h-21FFFFh
108000h–10FFFFh
SA41
100010xxx
64/32
220000h-22FFFFh
110000h–117FFFh
SA42
100011xxx
64/32
230000h-23FFFFh
118000h–11FFFFh
SA43
100100xxx
64/32
240000h-24FFFFh
120000h–127FFFh
SA44
100101xxx
64/32
250000h-25FFFFh
128000h–12FFFFh
SA45
100110xxx
64/32
260000h-26FFFFh
130000h–137FFFh
SA46
100111xxx
64/32
270000h-27FFFFh
138000h–13FFFFh
SA47
101000xxx
64/32
280000h-28FFFFh
140000h–147FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com