Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29SL160C Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # AM29SL160C
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL160C Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button AM29SL160C_07 Datasheet HTML 36Page - Advanced Micro Devices AM29SL160C_07 Datasheet HTML 37Page - Advanced Micro Devices AM29SL160C_07 Datasheet HTML 38Page - Advanced Micro Devices AM29SL160C_07 Datasheet HTML 39Page - Advanced Micro Devices AM29SL160C_07 Datasheet HTML 40Page - Advanced Micro Devices AM29SL160C_07 Datasheet HTML 41Page - Advanced Micro Devices AM29SL160C_07 Datasheet HTML 42Page - Advanced Micro Devices AM29SL160C_07 Datasheet HTML 43Page - Advanced Micro Devices AM29SL160C_07 Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
38
Am29SL160C
21635C5 January 23, 2007
D A TA
SH EE T
AC CHARACTERISTICS
Erase/Program Operations
Notes:
1. Not 100% tested.
2. See “Erase And Programming Performance” on page 46 for more information.
Parameter
Speed Options
JEDEC
Std.
Description
-100
-120
-150
Unit
t
AVAV
t
WC
Write Cycle Time (Note 1)
Min
100
120
150
ns
t
AVWL
t
AS
Address Setup Time
Min
0
ns
tWLAX
tAH
Address Hold Time
Min
50
60
70
ns
tDVWH
tDS
Data Setup Time
Min
50
60
70
ns
tWHDX
tDH
Data Hold Time
Min
0
ns
t
GHWL
t
GHWL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
tELWL
tCS
CE# Setup Time
Min
0
ns
tWHEH
tCH
CE# Hold Time
Min
0
ns
tWLWH
tWP
Write Pulse Width
Min
50
60
70
ns
tWHWL
tWPH
Write Pulse Width High
Min
30
ns
tWHWH1
tWHWH1
Programming Operation (Notes 1, 2)
Byte
Typ
10
µs
Word
Typ
12
Accelerated Program Operation, Byte or Word
(Note 2)
Typ
8
µs
t
WHWH2
t
WHWH2
Sector Erase Operation (Notes 1, 2)
Typ
2
sec
t
VCS
V
CC Setup Time
Min
50
µs
t
RB
Recovery Time from RY/BY#
Min
0
ns
t
BUSY
Program/Erase Valid to RY/BY# Delay
Max
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com