Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29SL160C Datasheet(PDF) 45 Page - Advanced Micro Devices

Part # AM29SL160C
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL160C Datasheet(HTML) 45 Page - Advanced Micro Devices

Back Button AM29SL160C_07 Datasheet HTML 41Page - Advanced Micro Devices AM29SL160C_07 Datasheet HTML 42Page - Advanced Micro Devices AM29SL160C_07 Datasheet HTML 43Page - Advanced Micro Devices AM29SL160C_07 Datasheet HTML 44Page - Advanced Micro Devices AM29SL160C_07 Datasheet HTML 45Page - Advanced Micro Devices AM29SL160C_07 Datasheet HTML 46Page - Advanced Micro Devices AM29SL160C_07 Datasheet HTML 47Page - Advanced Micro Devices AM29SL160C_07 Datasheet HTML 48Page - Advanced Micro Devices AM29SL160C_07 Datasheet HTML 49Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
January 23, 2007 21635C5
Am29SL160C
43
D A TA
SH EE T
AC CHARACTERISTICS
Figure 23.
Accelerated Program Timing Diagram
WP#/ACC
tV
HH
VHH
VIL or VIH
tV
HH
VIL or VIH
Sector Protect: 150 µs
Sector Unprotect: 15 ms
1 µs
RESET#
SA, A6,
A1, A0
Data
CE#
WE#
OE#
60h
60h
40h
Valid*
Valid*
Valid*
Status
Sector Protect/Unprotect
Verify
VID
VIH
* For sector protect, A6 = 0, A1 = 1, A0 = 0. For sector unprotect, A6 = 1, A1 = 1, A0 = 0.
Figure 24.
Sector Protect/Unprotect Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com