Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F032B-75ED Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AM29F032B-75ED
Description  32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F032B-75ED Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AM29F032B-75ED Datasheet HTML 30Page - Advanced Micro Devices AM29F032B-75ED Datasheet HTML 31Page - Advanced Micro Devices AM29F032B-75ED Datasheet HTML 32Page - Advanced Micro Devices AM29F032B-75ED Datasheet HTML 33Page - Advanced Micro Devices AM29F032B-75ED Datasheet HTML 34Page - Advanced Micro Devices AM29F032B-75ED Datasheet HTML 35Page - Advanced Micro Devices AM29F032B-75ED Datasheet HTML 36Page - Advanced Micro Devices AM29F032B-75ED Datasheet HTML 37Page - Advanced Micro Devices AM29F032B-75ED Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
32
Am29F032B
21610D5 November 2, 2006
D A TA
SH EE T
AC CHARACTERISTICS
Write (Erase/Program) Operations—Alternate CE# Controlled Writes
Notes:
1. Not 100% tested.
2. See the “Erase And Programming Performance” section for more information.
Parameter Symbol
Parameter Description
Speed Options
Unit
JEDEC
Std
-75
-90
tAVAV
tWC
Write Cycle Time (Note 1)
Min
70
90
ns
tAVEL
tAS
Address Setup Time
Min
0
ns
tELAX
tAH
Address Hold Time
Min
40
45
ns
tDVEH
tDS
Data Setup Time
Min
40
45
ns
tEHDX
tDH
Address Hold Time
Min
0
ns
tGHEL
tGHEL
Read Recover Time Before Write
Min
0
ns
tWLEL
tWS
CE# Setup Time
Min
0
ns
tEHWH
tWH
CE# Hold Time
Min
0
ns
tELEH
tCP
Write Pulse Width
Min
40
45
ns
tEHEL
tCPH
Write Pulse Width High
Min
20
ns
tWHWH1
tWHWH1
Byte Programming Operation (Note 2)
Typ
7
µs
tWHWH2
tWHWH2
Sector Erase Operation (Note 2)
Typ
1
sec
Max
8
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com