Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F032B-75ED Datasheet(PDF) 36 Page - Advanced Micro Devices

Part # AM29F032B-75ED
Description  32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F032B-75ED Datasheet(HTML) 36 Page - Advanced Micro Devices

Back Button AM29F032B-75ED Datasheet HTML 31Page - Advanced Micro Devices AM29F032B-75ED Datasheet HTML 32Page - Advanced Micro Devices AM29F032B-75ED Datasheet HTML 33Page - Advanced Micro Devices AM29F032B-75ED Datasheet HTML 34Page - Advanced Micro Devices AM29F032B-75ED Datasheet HTML 35Page - Advanced Micro Devices AM29F032B-75ED Datasheet HTML 36Page - Advanced Micro Devices AM29F032B-75ED Datasheet HTML 37Page - Advanced Micro Devices AM29F032B-75ED Datasheet HTML 38Page - Advanced Micro Devices AM29F032B-75ED Datasheet HTML 39Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
34
Am29F032B
21610D5 November 2, 2006
D A TA
SH EE T
ERASE AND PROGRAMMING PERFORMANCE
Notes:
1. Typical program and erase times assume the following conditions: 25
°C, 5.0 V V
CC, 1,000,000 cycles. Additionally,
programming typicals assume checkerboard pattern.
2. Under worst case conditions of 90°C, VCC = 4.5 V, 1,000,000 cycles (4.75 V for -75).
3. The typical chip programming time is considerably less than the maximum chip programming time listed, since most bytes
program faster than the maximum byte program time listed. If the maximum byte program time given is exceeded, only then does
the device set DQ5 = 1. See the section on DQ5 for further information.
4. In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure.
5. System-level overhead is the time required to execute the four-bus-cycle sequence for programming. See Table 5 for further
information on command definitions.
6. The device has a minimum erase and program cycle endurance of 1,000,000 cycles.
LATCHUP CHARACTERISTIC
Note: Includes all pins except VCC. Test conditions: VCC = 5.0 Volt, one pin at a time.
TSOP AND SO PIN CAPACITANCE
Notes:
1. Sampled, not 100% tested.
2. Test conditions TA = 25°C, f = 1.0 MHz.
DATA RETENTION
Parameter
Typ (Note 1)
Max (Note 2)
Unit
Comments
Sector Erase Time
1
8
sec
Excludes 00h programming prior to
erasure (Note 4)
Chip Erase Time
64
sec
Byte Programming Time
7
300
µs
Excludes system-level overhead
(Note 5)
Chip Programming Time (Note 3)
28.8
86.4
sec
Description
Min
Max
Input Voltage with respect to VSS on I/O pins
–1.0 V
VCC + 1.0 V
VCC Current
–100 mA
+100 mA
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
CIN
Input Capacitance
VIN = 0
6
7.5
pF
COUT
Output Capacitance
VOUT = 0
8.5
12
pF
CIN2
Control Pin Capacitance
VIN = 0
7.5
9
pF
Parameter
Test Conditions
Min
Unit
Minimum Pattern Data Retention Time
150
°C10
Years
125
°C20
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com