Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PL160C Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM29PL160C
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PL160C Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM29PL160C_06 Datasheet HTML 13Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 14Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 15Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 16Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 17Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 18Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 19Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 20Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
May 9, 2006 22143C7
Am29PL160C
15
D A TA
SH EE T
HARDWARE DATA PROTECTION
The command sequence requirement of unlock cycles
for programming or erasing provides data protection
against inadvertent writes (refer to Table 10 for com-
mand definitions). In addition, the following hardware
data protection measures prevent accidental erasure
or programming, which might otherwise be caused by
spurious system level signals during VCC power-up
and power-down transitions, or from system noise.
Low VCC Write Inhibit
When VCC is less than VLKO, the device does not ac-
cept any write cycles. This protects data during VCC
power-up and power-down. The command register
and all internal program/erase circuits are disabled,
and the device resets. Subsequent writes are ignored
until VCC is greater than VLKO. The system must pro-
vide the proper signals to the control pins to prevent
unintentional writes when VCC is greater than VLKO.
Write Pulse “Glitch” Protection
Noise pulses of less than 5 ns (typical) on OE#, CE# or
WE# do not initiate a write cycle.
Logical Inhibit
Write cycles are inhibited by holding any one of OE# =
VIL, CE# = VIH or WE# = VIH. To initiate a write cycle,
CE# and WE# must be a logical zero while OE# is a
logical one.
Power-Up Write Inhibit
If WE# = CE# = VIL and OE# = VIH during power up,
the device does not accept commands on the rising
edge of WE#. The internal state machine is automati-
cally reset to reading array data on power-up.
Table 9.
Primary Vendor-Specific Extended Query
Addresses
(Word Mode)
Addresses
(Byte Mode)
Data
Description
40h
41h
42h
80h
82h
84h
0050h
0052h
0049h
Query-unique ASCII string “PRI”
43h
86h
0031h
Major version number, ASCII
44h
88h
0030h
Minor version number, ASCII
45h
8Ah
0000h
Address Sensitive Unlock
0 = Required, 1 = Not Required
46h
8Ch
0002h
Erase Suspend
0 = Not Supported, 1 = To Read Only, 2 = To Read & Write
47h
8Eh
0001h
Sector Protect
0 = Not Supported, X = Number of sectors in per group
48h
90h
0001h
Sector Temporary Unprotect
00 = Not Supported, 01 = Supported
49h
92h
0004h
Sector Protect/Unprotect scheme
01 = 29F040 mode, 02 = 29F016 mode,
03 = 29F400 mode, 04 = 29LV800A mode
4Ah
94h
0000h
Simultaneous Operation
00 = Not Supported, 01 = Supported
4Bh
96h
0000h
Burst Mode Type
00 = Not Supported, 01 = 4 Word Linear Burst, 02 = 8 Word Linear Burst,
03 = 32 Linear Burst, 04 = 4 Word Interleave Burst
4Ch
98h
0002h
Page Mode Type
00 = Not Supported, 01 = 4 Word Page, 02 = 8 Word Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com