Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29PL160C Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # AM29PL160C
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PL160C Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button AM29PL160C_06 Datasheet HTML 23Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 24Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 25Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 26Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 27Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 28Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 29Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 30Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
May 9, 2006 22143C7
Am29PL160C
25
D A TA
SH EE T
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
Plastic Packages . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Temperature
with Power Applied. . . . . . . . . . . . . . -65°C to +125°C
Voltage with Respect to Ground
VCC (Note 1) . . . . . . . . . . . . . . . . . .–0.5 V to +4.0 V
A9 and OE# (Note 2) . . . . . . . . . . –0.5 V to +13.0 V
All other pins (Note 1). . . . . . . . . . . –0.5 V to +5.5 V
Output Short Circuit Current (Note 3) . . . . . . 200 mA
Notes:
1. Minimum DC voltage on input or I/O pins is –0.5 V. During
voltage transitions, input at I/O pins may overshoot VSS to
-2.0 V for periods of up to 20 ns. Maximum DC voltage on
output and I/O pins is VCC + 0.5 V. During voltage
transitions output pins may overshoot to VCC + 2.0 V for
periods up to 20 ns.
2. Minimum DC input voltage on pins A9 and OE# is –0.5 V.
During voltage transitions, A9 and OE# may overshoot
VSS to -2.0 V for periods of up to 20 ns. Maximum DC
input voltage on pin A9 and OE# is +13.0 V which may
overshoot to 14.0 V for periods up to 20 ns.
3. No more than one output may be shorted to ground at a
time. Duration of the short circuit should not be greater
than one second.
4. Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the de-
vice at these or any other conditions above those indi-
cated in the operational sections of this data sheet is not
implied. Exposure of the device to absolute maximum rat-
ing conditions for extended periods may affect device re-
liability.
OPERATING RANGES
Commercial (C) Devices
Ambient Temperature (TA) . . . . . . . . . . . 0°C to +70°C
Industrial (I) Devices
Ambient Temperature (TA) . . . . . . . . . –40°C to +85°C
VCC Supply Voltages
VCC for regulated voltage range. . . . . . . 3.0 V to 3.6 V
VCC for full voltage range . . . . . . . . . . . . 2.7 V to 3.6 V
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
20 ns
20 ns
+0.8 V
–0.5 V
20 ns
–2.0 V
Figure 5.
Maximum Negative
Overshoot Waveform
20 ns
20 ns
VCC
+2.0 V
VCC
+0.5 V
20 ns
2.0 V
Figure 6.
Maximum Positive
Overshoot Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com