Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F032B-75SD Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # AM29F032B-75SD
Description  32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F032B-75SD Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button AM29F032B-75SD Datasheet HTML 20Page - Advanced Micro Devices AM29F032B-75SD Datasheet HTML 21Page - Advanced Micro Devices AM29F032B-75SD Datasheet HTML 22Page - Advanced Micro Devices AM29F032B-75SD Datasheet HTML 23Page - Advanced Micro Devices AM29F032B-75SD Datasheet HTML 24Page - Advanced Micro Devices AM29F032B-75SD Datasheet HTML 25Page - Advanced Micro Devices AM29F032B-75SD Datasheet HTML 26Page - Advanced Micro Devices AM29F032B-75SD Datasheet HTML 27Page - Advanced Micro Devices AM29F032B-75SD Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
22
Am29F032B
21610D5 November 2, 2006
D A TA
SH EE T
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
Plastic Packages . . . . . . . . . . . . . . . –65
°C to +150°C
Ambient Temperature
with Power Applied. . . . . . . . . . . . . . –55
°C to +125°C
Voltage with Respect to Ground
VCC (Note 1) . . . . . . . . . . . . . . . . . –2.0 V to 7.0 V
A9, OE#, RESET# (Note 2) . . . . . –2.0 V to 13.0 V
All other pins (Note 1) . . . . . . . . . . –2.0 V to 7.0 V
Output Short Circuit Current (Note 3) . . . . . . 200 mA
Notes:
1. Minimum DC voltage on input or I/O pins is –0.5 V.
During voltage transitions, inputs may overshoot VSS to –
2.0 V for periods of up to 20 ns. See Figure 6. Maximum
DC voltage on output and I/O pins is VCC + 0.5 V. During
voltage transitions, outputs may overshoot to VCC + 2.0 V
for periods up to 20 ns. See Figure 7.
2. Minimum DC input voltage on A9, OE#, RESET# pins is –
0.5V. During voltage transitions, A9, OE#, RESET# pins
may overshoot VSS to –2.0 V for periods of up to 20 ns. See
Figure 6. Maximum DC input voltage on A9, OE#, and
RESET# is 13.0 V which may overshoot to 13.5 V for
periods up to 20 ns.
3. No more than one output shorted at a time. Duration of
the short circuit should not be greater than one second.
Stresses greater than those listed in this section may cause
permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other condi-
tions above those indicated in the operational sections of this
specification is not implied. Exposure of the device to absolute
maximum rating conditions for extended periods may affect de-
vice reliability.
OPERATING RANGES
Commercial (C) Devices
Ambient Temperature (TA) . . . . . . . . . . . 0°C to +70°C
Industrial (I) Devices
Ambient Temperature (TA) . . . . . . . . . –40°C to +85°C
Extended (E) Devices
Ambient Temperature (TA) . . . . . . . . –55°C to +125°C
VCC Supply Voltages
VCC for ± 5% devices . . . . . . . . . . .+4.75 V to +5.25 V
VCC for ± 10% devices . . . . . . . . . .+4.50 V to +5.50 V
Operating ranges define those limits between which the
functionality of the device is guaranteed.
20 ns
20 ns
+0.8 V
–0.5 V
20 ns
–2.0 V
Figure 6.
Maximum Negative
Overshoot Waveform
Figure 7.
Maximum Positive
Overshoot Waveform
20 ns
20 ns
VCC
+2.0 V
VCC
+0.5 V
20 ns
2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com