Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F032B-75SD Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM29F032B-75SD
Description  32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F032B-75SD Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM29F032B-75SD Datasheet HTML 8Page - Advanced Micro Devices AM29F032B-75SD Datasheet HTML 9Page - Advanced Micro Devices AM29F032B-75SD Datasheet HTML 10Page - Advanced Micro Devices AM29F032B-75SD Datasheet HTML 11Page - Advanced Micro Devices AM29F032B-75SD Datasheet HTML 12Page - Advanced Micro Devices AM29F032B-75SD Datasheet HTML 13Page - Advanced Micro Devices AM29F032B-75SD Datasheet HTML 14Page - Advanced Micro Devices AM29F032B-75SD Datasheet HTML 15Page - Advanced Micro Devices AM29F032B-75SD Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
10
Am29F032B
21610D5 November 2, 2006
D A TA
SH EE T
Table 2.
Am29F032B Sector Address Table (Sheet 1 of 2)
Sector
A21
A20
A19
A18
A17
A16
Sector Size
Address Range
SA0
0
0
0
0
0
0
64K
000000h–00FFFFh
SA1
0
0
0
0
0
1
64K
010000h–01FFFFh
SA2
0
0
0
0
1
0
64K
020000h–02FFFFh
SA3
0
0
0
0
1
1
64K
030000h–03FFFFh
SA4
0
0
0
1
0
0
64K
040000h–04FFFFh
SA5
0
0
0
1
0
1
64K
050000h–05FFFFh
SA6
0
0
0
1
1
0
64K
060000h–06FFFFh
SA7
0
0
0
1
1
1
64K
070000h–07FFFFh
SA8
0
0
1
0
0
0
64K
080000h–08FFFFh
SA9
0
0
1
0
0
1
64K
090000h–09FFFFh
SA10
0
0
1
0
1
0
64K
0A0000h–0AFFFFh
SA11
0
0
1
0
1
1
64K
0B0000h–0BFFFFh
SA12
0
0
1
1
0
0
64K
0C0000h–0CFFFFh
SA13
0
0
1
1
0
1
64K
0D0000h–0DFFFFh
SA14
0
0
1
1
1
0
64K
0E0000h–0EFFFFh
SA15
0
0
1
1
1
1
64K
0F0000h–0FFFFFh
SA16
0
1
0
0
0
0
64K
100000h–10FFFFh
SA17
0
1
0
0
0
1
64K
110000h–11FFFFh
SA18
0
1
0
0
1
0
64K
120000h–12FFFFh
SA19
0
1
0
0
1
1
64K
130000h–13FFFFh
SA20
0
1
0
1
0
0
64K
140000h–14FFFFh
SA21
0
1
0
1
0
1
64K
150000h–15FFFFh
SA22
0
1
0
1
1
0
64K
160000h–16FFFFh
SA23
0
1
0
1
1
1
64K
170000h–17FFFFh
SA24
0
1
1
0
0
0
64K
180000h–18FFFFh
SA25
0
1
1
0
0
1
64K
190000h–19FFFFh
SA26
0
1
1
0
1
0
64K
1A0000h–1AFFFFh
SA27
0
1
1
0
1
1
64K
1B0000h–1BFFFFh
SA28
0
1
1
1
0
0
64K
1C0000h–1CFFFFh
SA29
0
1
1
1
0
1
64K
1D0000h–1DFFFFh
SA30
0
1
1
1
1
0
64K
1E0000h–1EFFFFh
SA31
0
1
1
1
1
1
64K
1F0000h–1FFFFFh
SA32
1
0
0
0
0
0
64K
200000h–20FFFFh
SA33
1
0
0
0
0
1
64K
210000h–21FFFFh
SA34
1
0
0
0
1
0
64K
220000h–22FFFFh
SA35
1
0
0
0
1
1
64K
230000h–23FFFFh
SA36
1
0
0
1
0
0
64K
240000h–24FFFFh
SA37
1
0
0
1
0
1
64K
250000h–25FFFFh
SA38
1
0
0
1
1
0
64K
260000h–26FFFFh
SA39
1
0
0
1
1
1
64K
270000h–27FFFFh
SA40
1
0
1
0
0
0
64K
280000h–28FFFFh
SA41
1
0
1
0
0
1
64K
290000h–29FFFFh
SA42
1
0
1
0
1
0
64K
2A0000h–2AFFFFh
SA43
1
0
1
0
1
1
64K
2B0000h–2BFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com