Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV640D Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM29LV640D
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640D Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM29LV640D Datasheet HTML 35Page - Advanced Micro Devices AM29LV640D Datasheet HTML 36Page - Advanced Micro Devices AM29LV640D Datasheet HTML 37Page - Advanced Micro Devices AM29LV640D Datasheet HTML 38Page - Advanced Micro Devices AM29LV640D Datasheet HTML 39Page - Advanced Micro Devices AM29LV640D Datasheet HTML 40Page - Advanced Micro Devices AM29LV640D Datasheet HTML 41Page - Advanced Micro Devices AM29LV640D Datasheet HTML 42Page - Advanced Micro Devices AM29LV640D Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
January 22, 2007 22366C6
Am29LV640D/Am29LV641D
37
D A TA
SH EE T
AC CHARACTERISTICS
Read-Only Operations
Notes:
1. Not 100% tested.
2. See Figure 11 and Table 12 for test specifications.
Parameter
Description
Test Setup
Speed Options
JEDEC
Std.
90R
120R,
121R
Unit
tAVAV
tRC
Read Cycle Time (Note 1)
Min
90
120
ns
tAVQV
tACC
Address to Output Delay
CE#, OE# = VIL
Max
90
120
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
90
120
ns
tGLQV
tOE
Output Enable to Output Delay
Max
35
50
ns
tEHQZ
tDF
Chip Enable to Output High Z (Note 1)
Max
30
30
ns
tGHQZ
tDF
Output Enable to Output High Z (Note 1)
Max
30
30
ns
tAXQX
tOH
Output Hold Time From Addresses, CE# or
OE#, Whichever Occurs First
Min
0
ns
tOEH
Output Enable Hold
Time (Note 1)
Read
Min
0
ns
Toggle and
Data# Polling
Min
10
ns
tOH
tCE
Outputs
WE#
Addresses
CE#
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tRH
tOE
tRH
0 V
RY/BY#
RESET#
tDF
Figure 13.
Read Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com