Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV640D Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM29LV640D
Description  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO??Control
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640D Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM29LV640D Datasheet HTML 9Page - Advanced Micro Devices AM29LV640D Datasheet HTML 10Page - Advanced Micro Devices AM29LV640D Datasheet HTML 11Page - Advanced Micro Devices AM29LV640D Datasheet HTML 12Page - Advanced Micro Devices AM29LV640D Datasheet HTML 13Page - Advanced Micro Devices AM29LV640D Datasheet HTML 14Page - Advanced Micro Devices AM29LV640D Datasheet HTML 15Page - Advanced Micro Devices AM29LV640D Datasheet HTML 16Page - Advanced Micro Devices AM29LV640D Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
January 22, 2007 22366C6
Am29LV640D/Am29LV641D
11
D A TA
SH EE T
data on the device data outputs. The device remains
enabled for read access until the command register
contents are altered.
See “Requirements for Reading Array Data” on
page 10 for more infor mation. Refer to the AC
“Read-Only Operations” on page 37 table for timing
specifications and to Figure 13, on page 37 for the tim-
ing diagram. I
CC1 in the “DC Character i stics” on
page 34 table represents the active current specifica-
tion for reading array data.
Writing Commands/Command Sequences
To write a command or command sequence (which in-
cludes programming data to the device and erasing
sectors of memory), the system must drive WE# and
CE# to V
IL, and OE# to VIH.
The device features an Unlock Bypass mode to facili-
tate faster programming. Once the device enters the
Unlock Bypass mode, only two write cycles are re-
quired to program a word instead of four. The “Word
Program Command Sequence” on page 24 has de-
tails on programming data to the device using both
standard and Unlock Bypass command sequences.
An erase operation can erase one sector, multiple sec-
tors, or the entire device. Table 2 on page 12 indicates
the address space that each sector occupies.
I
CC2 in the DC Characteristics table represents the ac-
tive current specification for the write mode. The AC
Characteristics section contains timing specification
tables and timing diagrams for write operations.
Accelerated Program Operation
The device offers accelerated program operations
through the ACC function. This function is primarily in-
tended to allow faster manufacturing throughput dur-
ing system production.
If the system asserts V
HH on this pin, the device auto-
matically enters the aforementioned Unlock Bypass
mode, temporarily unprotects any protected sectors,
and uses the higher voltage on the pin to reduce the
time required for program operations. The system
would use a two-cycle program command sequence
as required by the Unlock Bypass mode. Removing
V
HH from the ACC pin returns the device to normal op-
eration. Note that the ACC pin must not be at V
HH for
operations other than accelerated programming, or
device damage may result.
Autoselect Functions
If the system writes the autoselect command se-
quence, the device enters the autoselect mode. The
system can then read autoselect codes from the inter-
nal register (which is separate from the memory array)
on DQ7–DQ0. Standard read cycle timings apply in
this mode. Refer to the “Autoselect Mode” on page 16
and “Autoselect Command Sequence” on page 24 for
more information.
Standby Mode
When the system is not reading or writing to the de-
vice, it can place the device in the standby mode. In
this mode, current consumption is greatly reduced,
and the outputs are placed in the high impedance
state, independent of the OE# input.
The device enters the CMOS standby mode when the
CE# and RESET# pins are both held at V
CC ± 0.3 V.
(Note that this is a more restricted voltage range than
V
IH.) If CE# and RESET# are held at VIH, but not within
V
CC ± 0.3 V, the device is in the standby mode, but the
standby current is greater. The device requires stan-
dard access time (t
CE) for read access when the de-
vice is in either of these standby modes before it is
ready to read data.
If the device is deselected during erasure or program-
ming, the device draws active current until the
operation is completed.
I
CC3 in the table “DC Characteristics” on page 34 rep-
resents the standby current specification.
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device en-
ergy consumption. The device automatically enables
this mode when addresses remain stable for t
ACC +
30 ns. The automatic sleep mode is independent of
the CE#, WE#, and OE# control signals. Standard ad-
dress access timings provide new data when ad-
dresses are changed. While in sleep mode, output
data is latched and always available to the system.
I
CC4 in the table “DC Characteristics” on page 34 rep-
resents the automatic sleep mode current specifica-
tion.
RESET#: Hardware Reset Pin
The RESET# pin provides a hardware method of re-
setting the device to reading array data. When the RE-
SET# pin is driven low for at least a period of t
RP, the
device immediately ter minates any operation in
progress, tristates all output pins, and ignores all
read/write commands for the duration of the RESET#
pulse. The device also resets the internal state ma-
chine to reading array data. To ensure data integrity,
the operation that was interrupted should be reinitiated
once the device is ready to accept another command
sequence.
Current is reduced for the duration of the RESET#
pulse. When RESET# is held at V
SS±0.3 V, the device
draws CMOS standby current (I
CC4). If RESET# is held
at V
IL but not within VSS±0.3 V, the standby current is
greater.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com