Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS106 Datasheet(PDF) 2 Page - RFE international

Part # SS106
Description  Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SS106 Datasheet(HTML) 2 Page - RFE international

  SS106 Datasheet HTML 1Page - RFE international SS106 Datasheet HTML 2Page - RFE international SS106 Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.1
0.3
TJ=25
Pulse width=300us
1% Duty Cycle
1.0
10
100
0.4
0.5
0.6
0.7
0.8
SS102-SS104
SS105-SS106
SS108-SS1010
SS1015-SS1020
0.9
1.0
Instantaneous Forward Voltage (V)
FIG.3: Forward Voltage
0
0
5
1
0
5
Resistive or Inductive LoadP.C.B.
Mounted on
0.6"×0.6"(16mm×16mm)Copper Pad
Areas
100
12.0
0
25
75
125
10.0
8.0
6.0
2.0
4.0
Lead Temperature
FIG.1: Io-TL Curve
8.3ms Single Half Sine Wave
JEDEC Method
1
2
10
20
100
0
250
200
150
100
50
Number of Cycles
FIG.2: Forward Surge Current Capability
Tj=25
Tj=100
0.001
0.01
0
20
40
60
80
100
0.1
1.0
10
100
SS108-SS1020
SS102-SS106
FIG.4: Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
Schottky Barrier Rectifiers
SS102 Through SS1020
DO-214AB(SMC)
10-26-2022
Page 2 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
CHARACTERISTICS (TYPICAL)
DO-214AB (SMC)
Dim
Min
Max
A
6.60
7.11
B
2.85
3.27
C
5.59
6.22
D
7.75
8.13
E
1.99
2.61
F
0.15
0.31
G
0.76
1.52
H
0.10
0.20
Dimensions in millimeters
DO-214AB(SMC)
OUTLINE DIMENSIONS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com