Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS106 Datasheet(PDF) 1 Page - RFE international

Part # SS106
Description  Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SS106 Datasheet(HTML) 1 Page - RFE international

  SS106 Datasheet HTML 1Page - RFE international SS106 Datasheet HTML 2Page - RFE international SS106 Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PARAMETER
SYMBOL
UNIT SS102 SS103 SS104 SS105 SS106 SS108 SS1010 SS1015 SS1020
Device marking code
SS102 SS103 SS104 SS105 SS106 SS108 SS1010 SS1015 SS1020
Repetitive Peak Reverse Voltage
VRRM
V
20
30
40
50
60
80
100
150
200
Average Rectified Output Current
@60Hz sine wave, Resistance load, TL (FIG.1)
IO
0
.
0
1
A
Surge(Non-repetitive)Forward Current
@60Hz Half-sine wave,1 cycle, Ta=25
IFSM
0
2
1
A
Storage Temperature
Tstg
-55 ~+150
Junction Temperature
Tj
0
5
1
+
~
5
5
-
5
2
1
+
~
5
5
-
PARAMETER
SYMBOL UNIT TEST CONDITIONS SS102 SS103 SS104 SS105 SS106 SS108 SS1010 SS1015 SS1020
Maximum instantaneous
forward voltage drop per diode
VF
V
IFM=8.0A
0.6
0.7
0.85
0.95
Maximum DC reverse current
at rated DC blocking voltage
per diode
IR
mA
Ta=25
1
.
0
2
.
0
Ta=100
0
.
5
0
2
PARAMETER
SYMBOL
UNIT SS102 SS103 SS104 SS105 SS106 SS108 SS1010 SS1015SS1020
Thermal
Resistance
Between junction and ambient
R J-A
/W
65(1)
Between junction and lead
R J-L
81)
Note (1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.6" x 0.6" (16 mm x 16 mm) copper pad areas
Schottky Barrier Rectifiers
SS102 Through SS1020
DO-214AB(SMC)
● Guardring for overvoltage protection
● Low power loss
● Extremely fast switching
● High forward surge capability
● High frequency operation
● Solder dip 275 °C max. 7 s, per JESD 22-B106
For use in low voltage high frequency inverters,
freewheeling, DC/DC converters, and polarity protection
applications.
● Package: DO-214AB (
)
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant
● Terminals: Tin plated leads, solderable per J-STD-
002 and JESD22-B102
● Polarity: Color band denotes the cathode end
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
SMC
MAXIMUM RATINGS (Ta=25 Unless otherwise specified
ELECTRICAL CHARACTERISTICS (Ta=25 Unless otherwise specified
THERMAL CHARACTERISTICS (Ta=25 Unless otherwise specified
10-26-2022
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
PREFERED P/N
PACKAGE
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY
MODE
SS102~SS1020
F1
Approximate 0.254
3000
6000
42000
13” reel
PACKAGING INFORMATION


Similar Part No. - SS106

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SS106 CHENDA-SS106 Datasheet
836Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS106 YFWDIODE-SS106 Datasheet
1Mb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
SS106 YIXIN-SS106 Datasheet
237Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diotech Company.
SS1060 DIOTECH-SS1060 Datasheet
613Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS1060 PANJIT-SS1060 Datasheet
93Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
More results

Similar Description - SS106

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com