Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F080B-90EF Datasheet(PDF) 38 Page - Advanced Micro Devices

Part # AM29F080B-90EF
Description  8 Megabit (1 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F080B-90EF Datasheet(HTML) 38 Page - Advanced Micro Devices

Back Button AM29F080B-90EF Datasheet HTML 31Page - Advanced Micro Devices AM29F080B-90EF Datasheet HTML 32Page - Advanced Micro Devices AM29F080B-90EF Datasheet HTML 33Page - Advanced Micro Devices AM29F080B-90EF Datasheet HTML 34Page - Advanced Micro Devices AM29F080B-90EF Datasheet HTML 35Page - Advanced Micro Devices AM29F080B-90EF Datasheet HTML 36Page - Advanced Micro Devices AM29F080B-90EF Datasheet HTML 37Page - Advanced Micro Devices AM29F080B-90EF Datasheet HTML 38Page - Advanced Micro Devices AM29F080B-90EF Datasheet HTML 39Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
36
Am29F080B
21503G5 November 1, 2006
D A TA SH EE T
REVISION SUMMARY
Revision A (July 1997)
Initial release.
Revision B (January 1998)
Global
Formatted for consistency with other 5.0 volt-only
data sheets.
Figure 9, Read Operation Timings
Corrected RESET# waveform so that it is high for the
duration of the read cycle.
Figure 11, Chip/Sector Erase Operation Timings
Corrected data unlock cycle in diagram to 55h.
Figure 17, Alternate CE# Controlled Program
Operation Timings
Corrected command for sector erase to 30h, chip erase
to 10h.
Revision C (January 1998)
Standby Mode
Removed sentence in first paragraph referring to
RESET# pulse.
Sector Group Protection/Unprotection, Temporary
Sector Group Unprotect
Changed references from “sector” to “sector group”.
Corrected text to indicate sector groups are composed
of two adjacent sectors.
Revision D (May 1998)
Distinctive Characteristics
Changed minimum 100K write/erase cycles guaran-
teed to 1,000,000.
DC Characteristics, CMOS Compatible
For ICC3 and ICC4, the voltage tolerances given for CE#
and RESET# are now ±0.5 V.
AC Characteristics
Erase/Program Operations; Erase and Program Oper-
ations Alternate CE# Controlled Writes: Corrected the
notes reference for tWHWH1 and tWHWH2. These param-
eters are 100% tested. Corrected the note reference for
tVCS. This parameter is not 100% tested.
Temporary Sector Unprotect Table
Added note reference for tVIDR. This parameter is not
100% tested.
Command Definitions
Corrected the shift in the table header.
Erase and Programming Performance
Changed minimum 100K program and erase cycles
guaranteed to 1,000,000.
Revision E (January 1999)
Global
Updated for CS39S process technology.
Distinctive Characteristics
Added:
■ 20-year data retention at 125°C
— Reliable operation for the life of the system
DC Characteristics—CMOS Compatible
Added note “For CMOS mode only, ICC3 = ICC4 = 20 µA
max at extended temperatures (> +85°C)”.
DC Characteristics—TTL/NMOS Compatible and
CMOS Compatible
ICC1, ICC2, ICC3, ICC4: Added Note 2 “Maximum ICC
specifications are tested with VCC = VCCmax”.
ICC3, ICC4: Deleted VCC = VCCMax.
Revision E+1 (March 23, 1999)
Operating Ranges
The temperature ranges are now specified as ambient.
Revision E+2 (April 9, 1999)
Ordering Information, Operating Ranges
Added the extended temperature range.
Revision F (November 15, 1999)
AC Characteristics—Figure 11. Program
Operations Timing and Figure 12. Chip/Sector
Erase Operations
Deleted tGHWL and changed OE# waveform to start at
high.
Physical Dimensions
Replaced figures with more detailed illustrations.
Revision F+1 (May 18, 2000)
DC Characteristics
TTL/NMOS Compatible: The ICC2 specifications are
now identical to those for CMOS compatible.
Revision G (December 4, 2000)
Added table of contents.
Ordering Information
Deleted burn-in option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com