Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F080B-90EF Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM29F080B-90EF
Description  8 Megabit (1 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F080B-90EF Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29F080B-90EF Datasheet HTML 6Page - Advanced Micro Devices AM29F080B-90EF Datasheet HTML 7Page - Advanced Micro Devices AM29F080B-90EF Datasheet HTML 8Page - Advanced Micro Devices AM29F080B-90EF Datasheet HTML 9Page - Advanced Micro Devices AM29F080B-90EF Datasheet HTML 10Page - Advanced Micro Devices AM29F080B-90EF Datasheet HTML 11Page - Advanced Micro Devices AM29F080B-90EF Datasheet HTML 12Page - Advanced Micro Devices AM29F080B-90EF Datasheet HTML 13Page - Advanced Micro Devices AM29F080B-90EF Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
8
Am29F080B
21503G5 November 1, 2006
D A TA SH EE T
DEVICE BUS OPERATIONS
This section describes the requirements and use of the
device bus operations, which are initiated through the
internal command register. The command register it-
self does not occupy any addressable memory loca-
tion. The register is composed of latches that store the
commands, along with the address and data informa-
tion needed to execute the command. The contents of
the register serve as inputs to the internal state ma-
chine. The state machine outputs dictate the function of
the device. The appropriate device bus operations
table lists the inputs and control levels required, and the
resulting output. The following subsections describe
each of these operations in further detail.
Table 1.
Am29F080B Device Bus Operations
Legend:
L = Logic Low = VIL, H = Logic High = VIH, DOUT = Data Out, DIN = Data In, AIN = Address In, X = Don’t Care. See DC Charac-
teristics for voltage levels.
Note: See the sections on Sector Group Protection and Temporary Sector Unprotect for more information.
Requirements for Reading Array Data
To read array data from the outputs, the system must
drive the CE# and OE# pins to VIL. CE# is the power
control and selects the device. OE# is the output control
and gates array data to the output pins. WE# should re-
main at VIH.
The internal state machine is set for reading array
data upon device power-up, or after a hardware reset.
This ensures that no spurious alteration of the mem-
ory content occurs during the power transition. No
command is necessary in this mode to obtain array
data. Standard microprocessor read cycles that as-
sert valid addresses on the device address inputs
produce valid data on the device data outputs. The
device remains enabled for read access until the
command register contents are altered.
See “Reading Array Data” for more information. Refer
to the AC Read Operations table for timing specifica-
tions and to the Read Operations Timings diagram for
the timing waveforms. ICC1 in the DC Characteristics
table represents the active current specification for
reading array data.
Writing Commands/Command Sequences
To write a command or command sequence (which in-
cludes programming data to the device and erasing
sectors of memory), the system must drive WE# and
CE# to VIL, and OE# to VIH.
An erase operation can erase one sector, multiple sec-
tors, or the entire device. The Sector Address Tables in-
dicate the address space that each sector occupies. A
“sector address” consists of the address bits required
to uniquely select a sector. See the Command Defini-
tions section for details on erasing a sector or the entire
chip, or suspending/resuming the erase operation.
After the system writes the autoselect command se-
quence, the device enters the autoselect mode. The
system can then read autoselect codes from the inter-
nal register (which is separate from the memory array)
on DQ7–DQ0. Standard read cycle timings apply in this
mode. Refer to the Autoselect Mode and Autoselect
Command Sequence sections for more information.
ICC2 in the DC Characteristics table represents the ac-
tive current specification for the write mode. The “AC
Characteristics” section contains timing specification
tables and timing diagrams for write operations.
Program and Erase Operation Status
During an erase or program operation, the system may
check the status of the operation by reading the status
bits on DQ7–DQ0. Standard read cycle timings and ICC
read specifications apply. Refer to “Write Operation
Operation
CE#
OE#
WE#
RESET#
A0–A19
DQ0
–DQ7
Read
L
L
X
H
AIN
DOUT
Write
L
H
L
H
AIN
DIN
TTL Standby
H
X
X
H
X
HIGH Z
CMOS Standby
VCC ± 0.3 V
X
X
VCC ± 0.3 V
X
HIGH Z
Output Disable
L
H
H
H
X
HIGH Z
Hardware Reset
X
X
X
VIL
XHIGH Z
Temporary Sector Group Unprotect (See Note)
X
X
X
VID
AIN
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com