Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F032B-90EE Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM29F032B-90EE
Description  32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F032B-90EE Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM29F032B-90EE Datasheet HTML 5Page - Advanced Micro Devices AM29F032B-90EE Datasheet HTML 6Page - Advanced Micro Devices AM29F032B-90EE Datasheet HTML 7Page - Advanced Micro Devices AM29F032B-90EE Datasheet HTML 8Page - Advanced Micro Devices AM29F032B-90EE Datasheet HTML 9Page - Advanced Micro Devices AM29F032B-90EE Datasheet HTML 10Page - Advanced Micro Devices AM29F032B-90EE Datasheet HTML 11Page - Advanced Micro Devices AM29F032B-90EE Datasheet HTML 12Page - Advanced Micro Devices AM29F032B-90EE Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
November 2, 2006 21610D5
Am29F032B
7
D A TA
SH EE T
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be support-
ed in volume for this device. Consult the local AMD sales of-
fice to confirm availability of specific valid combinations and
to check on newly released combinations.
Am29F032B
-75
E
I
TEMPERATURE RANGE
C
=
Commercial (0
°C to +70°C)
I
=
Industrial (–40
°C to +85°C)
E
=
Extended (–55
°C to +125°C)
D
=
Commercial (0oC to +70oC) with Pb-free Package
F
=
Industrial (–40
°C to +85°C) with Pb-free Package
K
=
Extended (–55
°C to +125°C) with Pb-free Package
PACKAGE TYPE
E
=
40-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 040)
S
=
44-Pin Small Outline Package (SO 044)
SPEED OPTION
See Product Selector Guide and Valid Combinations
DEVICE NUMBER/DESCRIPTION
Am29F032B
32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only Sector Erase Flash Memory
5.0 V Read, Program, and Erase
Valid Combinations
AM29F032B-75
EC, EI, ED, EF,
SC, SI, SD, SF
AM29F032B-90
EC, EI, EE, ED, EF, EK
SC, SI, SE, SD, SF, SK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com