Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F032B-90EE Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM29F032B-90EE
Description  32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F032B-90EE Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM29F032B-90EE Datasheet HTML 10Page - Advanced Micro Devices AM29F032B-90EE Datasheet HTML 11Page - Advanced Micro Devices AM29F032B-90EE Datasheet HTML 12Page - Advanced Micro Devices AM29F032B-90EE Datasheet HTML 13Page - Advanced Micro Devices AM29F032B-90EE Datasheet HTML 14Page - Advanced Micro Devices AM29F032B-90EE Datasheet HTML 15Page - Advanced Micro Devices AM29F032B-90EE Datasheet HTML 16Page - Advanced Micro Devices AM29F032B-90EE Datasheet HTML 17Page - Advanced Micro Devices AM29F032B-90EE Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
12
Am29F032B
21610D5 November 2, 2006
D A TA
SH EE T
Sector Group Protection/Unprotection
The hardware sector group protection feature disables
both program and erase operations in any sector
group. Each sector group consists of four adjacent
sectors. Table 4 shows how the sectors are grouped,
and the address range that each sector group con-
tains. The hardware sector group unprotection feature
re-enables both program and erase operations in pre-
viously protected sector groups.
Sector group protection/unprotection must be imple-
mented using programming equipment. The proce-
dure requires a high voltage (VID) on address pin A9
and the control pins. Details on this method are pro-
vided in a supplement, publication number 22184.
Contact an AMD representative to obtain a copy of the
appropriate document.
The device is shipped with all sector groups unpro-
tected. AMD offers the option of programming and pro-
tecting sector groups at its factory prior to shipping the
device through AMD’s ExpressFlash™ Service. Con-
tact an AMD representative for details.
It is possible to determine whether a sector group is
protected or unprotected. See “Autoselect Mode” on
page 11 for details.
Table 4.
Sector Group Addresses
Temporary Sector Group Unprotect
This feature allows temporary unprotection of previ-
ously protected sector groups to change data in-sys-
tem. The Sector Group Unprotect mode is activated by
setting the RESET# pin to VID (11.5 V – 12.5 V). Dur-
ing this mode, formerly protected sector groups can be
programmed or erased by selecting the sector group
addresses. Once VID is removed from the RESET#
pin, all the previously protected sector groups are
protected again. Figure 1 shows the algorithm, and
Figure 16 shows the timing diagrams, for this feature.
Figure 1.
Temporary Sector Group Unprotect
Operation
Sector
Group
A21
A20
A19
A18
Sectors
SGA0
0
0
0
0
SA0
–SA3
SGA1
0
0
0
1
SA4
–SA7
SGA2
0
0
1
0
SA8
–SA11
SGA3
0
0
1
1
SA12
–SA15
SGA4
0
1
0
0
SA16
–SA19
SGA5
0
1
0
1
SA20
–SA23
SGA6
0
1
1
0
SA24
–SA27
SGA7
0
1
1
1
SA28
–SA31
SGA8
1
0
0
0
SA32–SA35
SGA9
1
0
0
1
SA36–SA39
SGA10
1
0
1
0
SA40–SA43
SGA11
1
0
1
1
SA44–SA47
SGA12
1
1
0
0
SA48–SA51
SGA13
1
1
0
1
SA52–SA55
SGA14
1
1
1
0
SA56–SA59
SGA15
1
1
1
1
SA60–SA63
START
Perform Erase or
Program Operations
RESET# = VIH
Temporary Sector Group
Unprotect Completed
(Note 2)
RESET# = VID
(Note 1)
Notes:
1. All protected sector groups unprotected.
2. All previously protected sector groups are protected
once again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com