Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS820 Datasheet(PDF) 1 Page - RFE international

Part # SS820
Description  Surface Mount Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SS820 Datasheet(HTML) 1 Page - RFE international

  SS820 Datasheet HTML 1Page - RFE international SS820 Datasheet HTML 2Page - RFE international SS820 Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Guardring for overvoltage protection
Low power loss
Extremely fast switching
High forward surge capability
High frequency operation
Solder dip 260 °C max. 10 s, per JESD 22-B106
For use in low voltage high frequency inverters, freewheeling,
DC/DC converters, and polarity protection applications.
Package: DO-214AB (SMC)
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant
Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
Polarity: Color band denotes the cathode end
PARAMETER
SYMBOL
UNIT
SS82
SS84
SS86
SS810
SS815
SS820
Device marking code
SS82
SS84
SS86
SS810
SS815
SS820
Repetitive Peak Reverse Voltage
VRRM
V
20
40
60
100
150
200
Average Rectified Output Current
@60Hz sine wave, Resistance load, Ta (FIG.1)
IO
0
.
8
A
Surge(Non-repetitive)Forward Current
@60Hz Half-sine wave,1 cycle, Ta=25
IFSM
0
2
1
A
Storage Temperature
Tstg
-55 ~+150
Junction Temperature
Tj
0
5
1
+
~
5
5
-
5
2
1
+
~
5
5
-
PARAMETER
SYMBOL UNIT
TEST CONDITIONS
SS82
SS84
SS86
SS810
SS815
SS820
Maximum instantaneous
forward voltage drop per diode
VF
V
IFM=8.0A
0.55
0.60
0.70
0.85
0.95
Maximum DC reverse current
at rated DC blocking voltage
per diode
IR
mA
Ta=25
1
.
0
2
.
0
Ta=100
0
.
5
0
2
Typical junction capacitance
Cj
pF
Measured at 1MHz
and Applied Reverse
Voltage of 4.0 V.D.C.
450
350
270
180
Surface Mount Schottky Rectifier
SS82 Through SS820
DO-214AB(SMC)
10-17-2022
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
MAXIMUM RATINGS (Ta=25 Unless otherwise specified
ELECTRICAL CHARACTERISTICS (Ta=25 Unless otherwise specified
PARAMETER
SYMBOL
UNIT
SS82
SS84
SS86
SS810
SS815
SS820
Thermal
Resistance
Between junction and ambient
R J-A
/W
45(1)
Between junction and lead
R J-L
2
1 1)
Note (1)
Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.6" x 0.6" (16 mm x 16 mm) copper pad areas
THERMAL CHARACTERISTICS (Ta=25 Unless otherwise specified


Similar Part No. - SS820

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SS820 YFWDIODE-SS820 Datasheet
459Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
SAMYANG ELECTRONICS CO....
SS820 SAMYANG-SS820 Datasheet
920Kb / 3P
Surface Mount Schottky Rectifier
logo
Shanghai Shunye Electro...
SS820 SHUNYE-SS820 Datasheet
533Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
V2.22
logo
Zibo Seno Electronic En...
SS8200 ZSELEC-SS8200 Datasheet
123Kb / 2P
8.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Shanghai Shunye Electro...
SS820B SHUNYE-SS820B Datasheet
606Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
V2.22
More results

Similar Description - SS820

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
Surface Mount Schottky rectifier
logo
Surge Components
LS56 SURGE-LS56 Datasheet
156Kb / 3P
Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SL02 VISHAY-SL02_15 Datasheet
84Kb / 5P
Schottky Rectifier Surface Mount
05-Sep-14
logo
GOOD-ARK Electronics
LSL27T GOOD-ARK-LSL27T Datasheet
370Kb / 4P
Surface Mount Schottky Rectifier
PS1150 GOOD-ARK-PS1150 Datasheet
434Kb / 4P
Surface Mount Schottky Rectifier
PS3100 GOOD-ARK-PS3100 Datasheet
450Kb / 4P
Surface Mount Schottky Rectifier
PSL26 GOOD-ARK-PSL26 Datasheet
452Kb / 4P
Surface Mount Schottky Rectifier
FS2B5H GOOD-ARK-FS2B5H Datasheet
360Kb / 4P
Surface Mount Schottky Rectifier
logo
Yangzhou yangjie electr...
SS52BQ YANGJIE-SS52BQ Datasheet
229Kb / 4P
Surface Mount Schottky Rectifier
SS52Q YANGJIE-SS52Q Datasheet
247Kb / 4P
Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com