Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F010B35DGC1 Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM29F010B35DGC1
Description  1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F010B35DGC1 Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM29F010B35DGC1 Datasheet HTML 3Page - Advanced Micro Devices AM29F010B35DGC1 Datasheet HTML 4Page - Advanced Micro Devices AM29F010B35DGC1 Datasheet HTML 5Page - Advanced Micro Devices AM29F010B35DGC1 Datasheet HTML 6Page - Advanced Micro Devices AM29F010B35DGC1 Datasheet HTML 7Page - Advanced Micro Devices AM29F010B35DGC1 Datasheet HTML 8Page - Advanced Micro Devices AM29F010B35DGC1 Datasheet HTML 9Page - Advanced Micro Devices AM29F010B35DGC1 Datasheet HTML 10Page - Advanced Micro Devices AM29F010B35DGC1 Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Am29F010B Known Good Die
5
SU PP L E ME NT
ORDERING INFORMATION
Standard Products
AMD KGD products are available in several packages and operating ranges. The order number (Valid Combination) is formed
by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Am29F010B
-90
DP
C
1
DIE REVISION
This number refers to the specific AMD manufacturing process and
product technology reflected in this document. It is entered in the
revision field of AMD standard product nomenclature.
TEMPERATURE RANGE
C
=Commercial (0°C to +70°C)
I
= Industrial (–40
°C to +85°C)
E
=Extended (–55
°C to +125°C)
PACKAGE TYPE AND MINIMUM ORDER QUANTITY
DP
=Waffle Pack
400 die per 5 tray stack
DG
=Gel-Pak® Die Tray
648 die per 6 tray stack
DT
=Surftape™ (Tape and Reel)
2500 per 7-inch reel
DW
= Gel-Pak® Wafer Tray (sawn wafer on frame)
Call AMD sales office for minimum order quantity
SPEED OPTION
See Product Selector Guide and Valid Combinations
DEVICE NUMBER/DESCRIPTION
Am29F010B Known Good Die
1 Megabit (128 K x 8-Bit) CMOS Flash Memory—Die Revision 1
5.0 Volt-only Program and Erase
Valid Combinations
AM29F010B-90
DPC 1, DPI 1, DPE 1,
DGC 1, DGI 1, DGE 1,
DTC 1, DTI 1, DTE 1,
DWC 1, DWI 1, DWE 1
AM29F010B-120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com