Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F010B35DGC1 Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM29F010B35DGC1
Description  1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F010B35DGC1 Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29F010B35DGC1 Datasheet HTML 6Page - Advanced Micro Devices AM29F010B35DGC1 Datasheet HTML 7Page - Advanced Micro Devices AM29F010B35DGC1 Datasheet HTML 8Page - Advanced Micro Devices AM29F010B35DGC1 Datasheet HTML 9Page - Advanced Micro Devices AM29F010B35DGC1 Datasheet HTML 10Page - Advanced Micro Devices AM29F010B35DGC1 Datasheet HTML 11Page - Advanced Micro Devices AM29F010B35DGC1 Datasheet HTML 12Page - Advanced Micro Devices AM29F010B35DGC1 Datasheet HTML 13Page - Advanced Micro Devices AM29F010B35DGC1 Datasheet HTML 14Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
8
Am29F010B Known Good Die
SU PP L E ME NT
PHYSICAL SPECIFICATIONS
Die dimensions . . . . . . . . . . . . . . . 90 mils x 159 mils
2.28 mm x 4.04 mm
Die Thickness. . . . . . . . . . . . . . . ~20 mils or ~500 µm
Bond Pad Size . . . . . . . . . . . . . . 4.69 mils x 4.69 mils
115.9 µm x 115.9 µm
Pad Area Free of Passivation . . . . . . . . . .13.96 mils2
9,025 µm2
Pads Per Die . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .30
Bond Pad Metalization . . . . . . . . . . . . . . . . . . . . Al/Cu
Die Backside . . . . . . . . . . . . . . . . . . . . . . . . No metal,
may be grounded (optional)
Passivation . . . . . . . . . . . . . . . . . . . . . . . SiN/SOG/SiN
DC OPERATING CONDITIONS
VCC (Supply Voltage) . . . . . . . . . . . . . . . 4.5 V to 5.5 V
Junction Temperature Under Bias . .TJ (max) = 130°C
For Read-only . . . . . . . . . . . TJ (max) = 140°C
Operating Temperature . . . Commercial 0
°C to +70°C
Industrial –40
°C to +85°C
Extended –55
°C to +125°C
MANUFACTURING INFORMATION
Manufacturing . . . . . . . . . . . . . . . . . . . . . . . . . . . FASL
Wafer Sort Test . . . . . . . . . . . . . . Sunnyvale, CA, USA
. . . . . . . . . . . . . . . . . . . . . . . . .and Penang, Malaysia
Manufacturing ID. . . . . . . . . . . . . . . . . . . . . . . . 98A01
Preparation for Shipment . . . . . . . . Penang, Malaysia
Fabrication Process . . . . . . . . . . . . . . . . . . . . CS39S
Die Revision . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
SPECIAL HANDLING INSTRUCTIONS
Processing
Do not expose KGD products to ultraviolet light or
process them at temperatures greater than 250
°C.
Failure to adhere to these handling instructions will
result in irreparable damage to the devices. For best
yield, AMD recommends assembly in a Class 10K
clean room with 30% to 60% relative humidity.
Storage
Store at a maximum temperature of 30
°C in a nitrogen-
purged cabinet or vacuum-sealed bag. Observe all
standard ESD handling procedures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com